Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 4 Page - STMicroelectronics

  STA1095 Datasheet HTML 1Page - STMicroelectronics STA1095 Datasheet HTML 2Page - STMicroelectronics STA1095 Datasheet HTML 3Page - STMicroelectronics STA1095 Datasheet HTML 4Page - STMicroelectronics STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
System description
STA1080, STA1085, STA1090, STA1095
4/13
DocID028279 Rev 1
2
System description
2.1
Processor MCU
Accordo2 family devices processing capability relies on an ARM Cortex-R4. The MCU has
instruction cache and data cache, as well as TCM Memory dedicated respectively to
instructions and data for high throughput and low latency tasks.
2.2
Memory controller
2.2.1
Embedded memory
Accordo2 family devices embed SRAM memory, which can be used for data or code
storage.
Embedded memory can be used in conjunction with executable in place NOR devices to
implement cost effective solutions. The whole embedded memory is also cacheable and
can be accessed by DMA.
2.2.2
SDRAM controller
SDRAM controller supports SDRAM JEDEC interface 16 bits wide, which allows interfacing
to automotive SDRAM memory devices to handle high footprint applications.
Such memory is cacheable, and can be accessed by DMA.
2.2.3
SQI executable in place
The SQIO controller allows interfacing Serial Quad I/O flash memories.
2.2.4
Parallel memory interface
FSMC static memory controller, provides a generic parallel interface suitable to connect to
NOR devices as well as SRAM and NAND devices. This peripheral allows execution in-
place from NOR/SRAMs, as well as DMA accesses.
NOR memory space can be partitioned so to reserve a portion of the parallel NOR device to
the Secure CAN Subsystem.
2.3
USB
Accordo2 family devices have one USB HS interface with embedded PHY, allowing to
efficiently connect to mass storage devices, as well as portable devices (phones, pads).
Along with USB connectivity, Accordo2 family fully support USB charger specification.
2.4
Sound subsystem
Accordo2 family devices implement a sound subsystem which allows to efficiently handle
sound processing tasks, such as spatialization and equalizer, without loading the main CPU
with interrupt intensive tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com