Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family - Dual core processor for car radio and display audio applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 1 Page - STMicroelectronics

  STA1095 Datasheet HTML 1Page - STMicroelectronics STA1095 Datasheet HTML 2Page - STMicroelectronics STA1095 Datasheet HTML 3Page - STMicroelectronics STA1095 Datasheet HTML 4Page - STMicroelectronics STA1095 Datasheet HTML 5Page - STMicroelectronics STA1095 Datasheet HTML 6Page - STMicroelectronics STA1095 Datasheet HTML 7Page - STMicroelectronics STA1095 Datasheet HTML 8Page - STMicroelectronics STA1095 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For further information contact your local STMicroelectronics sales office.
August 2015
DocID028279 Rev 1
1/13
STA1080, STA1085
STA1090, STA1095
Accordo2 family - Dual core processor for car radio and display
audio applications
Data brief
Features
Core and infrastructure
 ARM® Cortex™-R4 MCU
 Embedded SRAM
 SDRAM controller
 Serial QIO NOR interface executable in place
 Parallel NAND/NOR controller
Audio subsystem
 Sound processing DSPs
 Stereo channels hardware Sample Rate
Converter
 Audio DACs
 Digital audio interfaces (I2S/ multichannel
ports)
 Single ended stereo ADC with internal
switching logic
 Differential Mono ADC with internal switching
logic
Media interfaces
 Secure-Digital Multimedia Memory Card
Interfaces
 USB 2.0 Interfaces
 SPDIF with CDROM block decoder support
Display subsystem
 TFT controller
 Touch Screen Controller
 Video Input Port
 Graphic acceleration
Embedded secure CAN subsystem
 Dedicated ARM Cortex-M3 core
 Isolated embedded memory
 Secured NOR interface
I/O interfaces
 General purpose ADCs
 I2C multi-master/slave interfaces
 UART Controllers
 Synchronous Serial Ports (SSP/SPI)
 GPIOs
 JTAG
 CAN ports
Operating conditions
 VDD: 1.14 V - 1.26 V
 VDDIO: 3.3 V ±10%
 VDDIOON: 3.3 V ±10%,
 Ambient temperature range: -40 / +85 °C
www.st.com


Similar Part No. - STA1095

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1095 STMICROELECTRONICS-STA1095 Datasheet
1Mb / 127P
Accordo2 family – Automotive dual core processor for car radio and display audio application
20-Apr-2021
More results

Similar Description - STA1095

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
26-Jun-2007
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com