Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF582 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF582
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF582 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF582 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
03 to a6V
CMOSTTL Input Voltage
b
03 to (VCC a 03V)
CMOSTTL Output Voltage
b
03 to (VCC a 03V)
LVDS Receiver Input Voltage
b
03 to (VCC a 03V)
LVDS Driver Output Voltage
b
03 to (VCC a 03V)
LVDS Output Short Circuit Duration
continuous
Junction Temperature
a
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
a
260 C
Maximum Package Power Dissipation
a
25 C
MTD56 (TSSOP) Package DS90CF581
163W
DS90CF582
161W
Derate Package DS90CF581
125 mW C above a25 C
DS90CF582
124 mW C above a25 C
This device does not meet 2000V ESD rating (Note 4)
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (VCC)
45
50
55
V
Operating Free
Air Temperature (TA)
b
10
a
25
a
70
C
Receiver Input Range
0
24
V
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOSTTL DC SPECIFICATIONS
VIH
High Level Input Voltage
20
VCC
V
VIL
Low Level Input Voltage
GND
08
V
VOH
High Level Output Voltage
IOH eb04 mA
38
49
V
VOL
Low Level Output Voltage
IOL e 2 mA
01
03
V
VCL
Input Clamp Voltage
ICL eb18 mA
b
079
b
15
V
IIN
Input Current
VIN e VCC GND 25V or 04V
g
51
g
10
m
A
IOS
Output Short Circuit Current
VOUT e 0V
b
120
mA
LVDS DRIVER DC SPECIFICATIONS
VOD
Differential Output Voltage
RL e 100X
250
290
450
mV
D
VOD
Change in VOD between
35
mV
Complimentary Output States
VCM
Common Mode Voltage
11
125
1375
V
D
VCM
Change in VCM between
35
mV
Complimentary Output States
VOH
High Level Output Voltage
13
16
V
VOL
Low Level Output Voltage
09
107
V
IOS
Output Short Circuit Current
VOUT e 0V RL e 100X
b
29
b
5mA
IOZ
Output TRI-STATE Current
Power Down e 0V VOUT e 0V or VCC
g
1
g
10
m
A
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High Threshold
VCM ea12V
a
100
mV
VTL
Differential Input Low Threshold
b
100
mV
IIN
Input Current
VIN ea24V
VCC e 55V
g
10
m
A
VIN e 0V
g
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ specify conditions for device operation
Note 2
Typical values are given for VCC e 50V and TA ea25 C
Note 3
Current into device pins is defined as positive Current out of device pins is defined as negative Voltages are referenced to ground unless otherwise
specified (except VOD and DVOD)
Note 4
ESD Rating HBM (15 kX 100 pF)
PLL VCC t 1000V
All other pins t 2000V
EIAJ (0X 200 pF) t 150V
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com