Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF582 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF582
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF582 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CF582 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
RL e 100X CL e 5 pF
f e 325 MHz
34
46
mA
Worst Case
Worst Case Pattern
(Figures 1 3)
f e 375 MHz
36
48
mA
ICCTG
Transmitter Supply Current
RL e 100X CL e 5 pF
f e 325 MHz
27
42
mA
16 Grayscale
Grayscale Pattern
(Figures 2 3)
f e 375 MHz
28
43
mA
ICCTZ
Transmitter Supply Current
Power Down e Low
110
m
A
Power Down
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current
CL e 8 pF
f e 325 MHz
55
75
mA
Worst Case
Worst Case Pattern
(Figures 1 4)
f e 375 MHz
60
80
mA
ICCRG
Receiver Supply Current
CL e 8 pF
f e 325 MHz
35
55
mA
16 Grayscale
16 Grayscale Pattern
(Figures 2 4)
f e 375 MHz
37
58
mA
ICCRZ
Receiver Supply Current
Power Down e Low
110
m
A
Power Down
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time
(Figure 3)
075
15
ns
LHLT
LVDS High-to-Low Transition Time
(Figure 3)
075
15
ns
CLHT
CMOSTTL Low-to-High Transition Time
(Figure 4)
35
65
ns
CHLT
CMOSTTL High-to-Low Transition Time
(Figure 4)
27
65
ns
TCIT
TxCLK IN Transition Time
(Figure 5)
8ns
TCCS
TxOUT Channel-to-Channel Skew (Note A)
(Figure 6)
350
ps
TSSPW
Tx Sub-Symbol Pulse Width
(Figure 6)
f e 20 MHz
55
7
8
ns
RCCS
RxIN Channel-to-Channel Skew (Note B)
700
ps
TCIP
TxCLK IN Period
(Figure 7)
25
T
50
ns
TCIH
TxCLK IN High Time
(Figure 7)
035T
05T
065T
ns
TCIL
TxCLK IN Low Time
(Figure 7)
035T
05T
065T
ns
TSTC
TxIN Setup to TxCLK IN
(Figure 7)
8ns
THTC
TxIN Hold to TxCLK IN
(Figure 7)
25
2
ns
RCOP
RxCLK OUT Period
(Figure 8)
25
T
50
ns
Note A
This limit based on bench characterization
Note B
This limit assumes a maximum cable skew of 350 ps
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com