Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF582 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF582
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF582 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CF582 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified (Continued)
Symbol
Parameter
Min
Typ
Max
Units
RCOH
RxCLK OUT High Time
(Figure 8)
f e 20 MHz
215
ns
f e 40 MHz
105
ns
RCOL
RxCLK OUT Low Time
(Figure 8)
f e 20 MHz
19
ns
f e 40 MHz
6
ns
RSRC
RxOUT Setup to RxCLK OUT
(Figure 8)
f e 20 MHz
14
ns
f e 40 MHz
45
ns
RHRC
RxOUT Hold to RxCLK OUT
(Figure 8)
f e 20 MHz
16
ns
f e 40 MHz
65
ns
TCCD
TxCLK IN to TxCLK OUT Delay
25 C
5
97
ns
VCC e 50V (Figure 9)
RCCD
RxCLK IN to RxCLK OUT Delay
25 C
76
119
ns
VCC e 50V (Figure 10)
TPLLS
Transmitter Phase Lock Loop Set
(Figure 11)
10
ms
RPLLS
Receiver Phase Lock Loop Set
(Figure 12)
10
ms
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com