Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF582 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF582
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF582 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CF582 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF582 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF12486
April 1996
DS90CF581DS90CF582
LVDS 24-Bit Color Flat Panel Display (FPD) Link
General Description
The DS90CF581 transmitter converts 28 bits of CMOSTTL
data into four LVDS (Low Voltage Differential Signaling)
data streams A phase-locked transmit clock is transmitted
in parallel with the data streams over a fifth LVDS link Every
cycle of the transmit clock 28 bits of input data are sampled
and transmitted The DS90CF582 receiver converts the
LVDS data streams back into 28 bits of CMOSTTL data At
a transmit clock frequency of 40 MHz 24 bits of RGB data
and 4 bits of LCD timing and control data (FPLINE
FPFRAME DRDY CNTL) are transmitted at a rate of
280 Mbps per LVDS data channel Using a 40 MHz clock
the data throughput is 140 Megabytes per second The
chipset is an ideal means to solve EMI and cable size prob-
lems associated with wide high speed TTL interfaces
Features
Y
Up to 140 Megabytesec Bandwidth
Y
Narrow bus reduces cable size
Y
345 mV swing LVDS devices for low EMI
Y
Low power CMOS design
Y
Power-down mode
Y
PLL requires no external components
Y
Low profile 56-lead TSSOP package
Y
Falling edge data strobe
Y
Compatible with TIAEIA-644 LVDS standard
Block Diagrams
DS90CF581
DS90CF582
TLF12486 – 1
Order Number DS90CF581MTD
See NS Package Number MTD56
Order Number DS90CF582MTD
See NS Package Number MTD56
Application
TLF12486 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


Similar Part No. - DS90CF582

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF581MTD NSC-DS90CF581MTD Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF583 TI1-DS90CF583 Datasheet
515Kb / 13P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90CF583MTD NSC-DS90CF583MTD Datasheet
274Kb / 12P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
More results

Similar Description - DS90CF582

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
DS90CR581 NSC-DS90CR581 Datasheet
203Kb / 10P
LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CR583 NSC-DS90CR583 Datasheet
318Kb / 12P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
logo
Texas Instruments
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CR563 TI1-DS90CR563_11 Datasheet
332Kb / 14P
LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com