Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9670BBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9670BBCZ Datasheet HTML 1Page - Analog Devices AD9670BBCZ Datasheet HTML 2Page - Analog Devices AD9670BBCZ Datasheet HTML 3Page - Analog Devices AD9670BBCZ Datasheet HTML 4Page - Analog Devices AD9670BBCZ Datasheet HTML 5Page - Analog Devices AD9670BBCZ Datasheet HTML 6Page - Analog Devices AD9670BBCZ Datasheet HTML 7Page - Analog Devices AD9670BBCZ Datasheet HTML 8Page - Analog Devices AD9670BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 4 of 52
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (0°C to 85°C), fIN =
5 MHz, local oscillator (LO) band mode, RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.6 dB, LNA bias = midhigh, PGA gain = 27 dB,
analog gain control, VGAIN = (GAIN+) − (GAIN−) = 1.6 V, antialiasing filter, low-pass filter (LPF) cutoff = fSAMPLE/3 in Mode I/Mode II,
antialiasing filter LPF cutoff = fSAMPLE /4.5 in Mode III/Mode IV, high-pass filter (HPF) cutoff = LPF cutoff/12.00, Mode I = fSAMPLE = 40 MSPS,
Mode II = fSAMPLE = 65 MSPS, Mode III = fSAMPLE = 80 MSPS, Mode IV = 125 MSPS, radio frequency (RF) decimator bypassed, digital demod-
ulator and baseband decimator bypassed, digital high-pass filter bypassed, low power LVDS mode, unless otherwise noted. All gain setting
options are listed, which can be configured via SPI registers, and all power supply currents and power dissipations are listed for the four mode
settings (Mode I, Mode II, Mode III, and Mode IV), respectively, via slashes in Table 1.
Table 1.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential output
15.6/17.9/21.6
dB
Single-ended input to single-ended output
9.6/11.9/15.6
dB
0.1 dB Input Compression Point
LNA gain = 15.6 dB
1.00
V p-p
LNA gain = 17.9 dB
0.75
V p-p
LNA gain = 21.6 dB
0.45
V p-p
1 dB Input Compression Point
LNA gain = 15.6 dB
1.20
V p-p
LNA gain = 17.9 dB
0.90
V p-p
LNA gain = 21.6 dB
0.60
V p-p
Input Common Mode (LI-x, LG-x)
2.2
V
Output Common Mode
LO-x
Switch off
High-Z
Ω
Switch on
1.5
V
LOSW-x
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 300 Ω
50
Ω
RFB = 1350 Ω
200
Ω
6
kΩ
Input Capacitance (LI-x)
20
pF
Input Noise Voltage
RS = 0 Ω
LNA gain = 15.6 dB
0.83
nV/√Hz
LNA gain = 17.9 dB
0.82
nV/√Hz
LNA gain = 21.6 dB
0.78
nV/√Hz
Input Noise Current
2.6
pA/√Hz
FULL CHANNEL (TGC) CHARACTERISTICS
Antialiasing Filter Low-Pass Cutoff
−3 dB, programmable, low band mode
8
18
MHz
−3 dB, programmable, high band mode
13.5
30
MHz
In Range Antialiasing Filter
Bandwidth Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, VGAIN = −1.6 V to +1.6 V
±350
ps
Input Referred Noise Voltage
LNA gain = 15.6 dB
0.96
nV/√Hz
LNA gain = 17.9 dB
0.90
nV/√Hz
LNA gain = 21.6 dB
0.82
nV/√Hz
Noise Figure
RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 150 Ω
5.6
dB
LNA gain = 17.9 dB, RFB = 200 Ω
4.8
dB
LNA gain = 21.6 dB, RFB = 300 Ω
3.8
dB
Unterminated
LNA gain = 15.6 dB
3.2
dB
LNA gain = 17.9 dB
2.9
dB
LNA gain = 21.6 dB
2.6
dB
Correlated Noise Ratio
No signal, correlated/uncorrelated
−30
dB
Output Offset
−100
+100
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com