Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9670BBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9670BBCZ Datasheet HTML 1Page - Analog Devices AD9670BBCZ Datasheet HTML 2Page - Analog Devices AD9670BBCZ Datasheet HTML 3Page - Analog Devices AD9670BBCZ Datasheet HTML 4Page - Analog Devices AD9670BBCZ Datasheet HTML 5Page - Analog Devices AD9670BBCZ Datasheet HTML 6Page - Analog Devices AD9670BBCZ Datasheet HTML 7Page - Analog Devices AD9670BBCZ Datasheet HTML 8Page - Analog Devices AD9670BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Octal Ultrasound AFE
with Digital Demodulator
Data Sheet
AD9670
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 channels of LNA, VGA, antialiasing filter, ADC, and digital
demodulator/decimator
Low power
150 mW per channel, time gain compensation (TGC) mode,
40 MSPS
62.5 mW per channel, continuous wave (CW) mode;
<30 mW in power-down mode
10 mm × 10 mm, 144-ball CSP_BGA
TGC channel, input referred noise voltage: 0.82 nV/√Hz,
maximum gain
Flexible power-down modes
Fast recovery from low power standby mode: <2 μs
Low noise preamplifier (LNA)
Input noise voltage: 0.78 nV/√Hz, gain = 21.6 dB
Programmable gain: 15.6 dB/17.9 dB/21.6 dB
0.1 dB input compression point: 1.00 V p-p/0.75 V p-p/
0.45 V p-p
Flexible active input impedance matching
Variable gain amplifier (VGA)
Attenuator range: 45 dB, linear-in-dB gain control
Postamplifier gain (PGA): 21 dB/24 dB/27 dB/30 dB
Antialiasing filter
Programmable, second-order low-pass filter from 8 MHz to
18 MHz or 13.5 MHz to 30 MHz and high-pass fil
ter
Analog-to-digital converter (ADC)
Signal-to-noise ratio (SNR): 75 dB, 14 bits up to 125 MSPS
Configurable serial low voltage differential signaling (LVDS)
CW mode harmonic rejection I/Q demodulator
Individual programmable phase rotation
Dynamic range per channel: >160 dBFS/√Hz
Close in SNR: 156 dBc/√Hz, 1 kHz offset, −3 dBFS
Digital demodulator/decimator
I/Q demodulator with programmable oscillator FIR
decimation filter
APPLICATIONS
Medical imaging/ultrasound
Nondestructive testing (NDT)
GENERAL DESCRIPTION
The AD9670 is designed for low cost, low power, small size, and
ease of use for medical ultrasound applications. It contains eight
channels of a VGA with an LNA, a CW harmonic rejection I/Q
demodulator with programmable phase rotation, an antialiasing
filter, an ADC, and a digital demodulator and decimator for data
processing and bandwidth reduction.
Each channel features a maximum gain of up to 52 dB, a fully
differential signal path, and an active input preamplifier termination.
The channel is optimized for high dynamic performance and
low power in applications where a small package size is critical.
The LNA has a single-ended-to-differential gain that is selectable
through the serial port interface (SPI). Assuming a 15 MHz noise
bandwidth (NBW) and a 21.6 dB LNA gain, the LNA input SNR
is 94 dB. In CW Doppler mode, each LNA output drives an I/Q
demodulator that has independently programmable phase
rotation with 16 phase settings.
Power-down of individual channels is supported to increase
battery life for portable applications. Standby mode allows quick
power-up for power cycling. In CW Doppler operation, the
VGA, antialiasing filter, and ADC are powered down. The ADC
contains several features designed to maximize flexibility and
minimize system cost, such as a programmable clock, data
alignment, and programmable digital test pattern generation.
The digital test patterns include built-in fixed patterns, built-in
pseudorandom patterns, and custom user-defined test patterns
entered via the SPI.


Similar Part No. - AD9670BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9670EBZ AD-AD9670EBZ Datasheet
78Kb / 2P
Octal Ultrasound AFE With Digital Demodulator
Rev. Sp0
AD9670EBZ AD-AD9670EBZ Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
More results

Similar Description - AD9670BBCZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
107Kb / 2P
Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
AD9675 AD-AD9675 Datasheet
80Kb / 2P
Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9670EBZ AD-AD9670EBZ Datasheet
78Kb / 2P
Octal Ultrasound AFE With Digital Demodulator
Rev. Sp0
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Analog Devices
AD9671 AD-AD9671 Datasheet
937Kb / 61P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com