Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9670BBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9670BBCZ Datasheet HTML 5Page - Analog Devices AD9670BBCZ Datasheet HTML 6Page - Analog Devices AD9670BBCZ Datasheet HTML 7Page - Analog Devices AD9670BBCZ Datasheet HTML 8Page - Analog Devices AD9670BBCZ Datasheet HTML 9Page - Analog Devices AD9670BBCZ Datasheet HTML 10Page - Analog Devices AD9670BBCZ Datasheet HTML 11Page - Analog Devices AD9670BBCZ Datasheet HTML 12Page - Analog Devices AD9670BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 8 of 52
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, full temperature range (0°C to 85°C), RF decimator bypassed, digital
demodulator and baseband decimator bypassed, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK2
Clock Rate
40 MSPS (Mode I)
Full
20.5
40
MHz
65 MSPS (Mode II)
Full
20.5
65
MHz
80 MSPS (Mode III)3
Full
20.5
80
MHz
125 MSPS (Mode IV)4
Full
20.5
125
MHz
Clock Pulse Width High (tEH)
Full
3.75
ns
Clock Pulse Width Low (tEL)
Full
3.75
ns
OUTPUT PARAMETERS2, 5
Propagation Delay (tPD)
Full
10.8 − 1.5 × tDCO
10.8
10.8 + 1.5 × tDCO
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
DCO Period (tDCO)6
Full
tSAMPLE/7
ns
FCO Propagation Delay (tFCO)
Full
10.8 − 1.5 × tDCO
10.8
10.8 + 1.5 × tDCO
ns
DCO Propagation Delay (tCPD)7
Full
tFCO + (tSAMPLE/28)
ns
DCO to Data Delay (tDATA)7
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
DCO to FCO Delay (tFRAME)7
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
Data-to-Data Skew (tDATA-MAX − tDATA-MIN)
Full
±225
±400
ps
TX_TRIG to CLK Setup Time (tSETUP)
25°C
1
ns
TX_TRIG to CLK Hold Time (tHOLD)
25°C
1
ns
Wake-Up Time
Standby
25°C
2
μs
Power-Down
25°C
375
μs
ADC Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
LO GENERATION
MLO8 Frequency
4LO Mode
Full
4
40
MHz
8LO Mode
Full
8
80
MHz
16LO Mode
Full
16
160
MHz
RESET9 to MLO Setup Time (tSETUP)
Full
1
tMLO10/2
ns
RESET to MLO Hold Time (tHOLD)
Full
1
tMLO10/2
ns
1 For a complete set of definitions and information about how these tests were completed, see the AN-835 Application Note, Understanding High Speed ADC Testing and
Evaluation.
2 The clock can be adjusted via the SPI.
3 Mode III must have the RF decimator enabled because the maximum data rate of the baseband demodulator and decimator is 65 MSPS.
4 Mode IV must have the RF decimator enabled because the maximum data rate of the baseband demodulator and decimator is 65 MSPS.
5 Measurements were taken using a device soldered to FR-4 material.
6 In the typical value, tSAMPLE/7, 7 is based on the number of bits (14) divided by 2 because the interface uses double data rate (DDR) sampling.
7 tSAMPLE/28 is based on the number of bits divided by 2 because the delays are based on half duty cycles.
8 MLO refers to the differential signal created via the MLO− pin and the MLO+ pin. This notation is used throughout the data sheet.
9 RESET refers to the differential signal created via the RESET− pin and the RESET+ pin. This notation is used throughout the data sheet.
10 The period of the MLO clock signal is represented by tMLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com