Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9670BBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9670BBCZ Datasheet HTML 18Page - Analog Devices AD9670BBCZ Datasheet HTML 19Page - Analog Devices AD9670BBCZ Datasheet HTML 20Page - Analog Devices AD9670BBCZ Datasheet HTML 21Page - Analog Devices AD9670BBCZ Datasheet HTML 22Page - Analog Devices AD9670BBCZ Datasheet HTML 23Page - Analog Devices AD9670BBCZ Datasheet HTML 24Page - Analog Devices AD9670BBCZ Datasheet HTML 25Page - Analog Devices AD9670BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 21 of 52
are critical for accurate impedance control. The use of a fully
differential topology and negative feedback minimizes distor-
tion. Low second-order harmonic distortion is particularly
important in harmonic ultrasound imaging applications.
Active Impedance Matching
The LNA consists of a single-ended voltage gain amplifier with
differential outputs. The negative output is externally available
on two output pins, LO-x and LOSW-x, that are controlled via
internal switches. This configuration allows the active input
impedance synthesis of three different impedance values (and
an unterminated value) by connecting up to two external
resistances in parallel and controlling the internal switch states
via the SPI. For example, with a fixed gain of 8× (17.9 dB), an
active input termination is synthesized by connecting a feedback
resistor between the negative output pin, LO-x, and the positive
input pin, LI-x. This well known technique is used for interfacing
multiple probe impedances to a single system. The input
resistance (RIN) calculation is shown in Equation 4.
)
2
/
1
(
30
)
20
(
||
)
20
(
A
R
R
R
FB2
FB1
IN
(4)
where:
RFB1 and RFB2 are the external feedback resistors.
20 Ω is the internal switch on resistance.
30 Ω is an internal series resistance common to the two internal
switches.
A/2 is the single-ended gain or the gain from the LI-x inputs to
the LO-x outputs.
RFB can be equal to RFB1, RFB2, or (RFB1 + 20 Ω)||(RFB2 + 20 Ω),
depending on the connection status of the internal switches.
Because the amplifier has a gain of 8× from its input to its
differential output, it is important to note that the gain, A/2,
is the gain from the LI-x pin to the LO-x pin and that it is 6 dB
less than the gain of the amplifier, or 12.1 dB (4×). The input
resistance is reduced by an internal bias resistor of 6 kΩ in
parallel with the source resistance connected to the LI-x pin,
with the LG-x pin ac grounded. Use Equation 5 to calculate the
required RFB for a desired RIN, even for higher values of RIN.
k
6
||
)
2
/
1
(
30
)
20
(
||
)
20
(
A
R
R
R
FB2
FB1
IN
(5)
For example, to set RIN to 200 Ω with a single-ended LNA gain of
12.1 dB (4×), the value of RFB from Equation 4 must be 950 Ω,
while the switch for RFB2 is open. If the more accurate equation
(Equation 5) is used to calculate RIN, the value is then 194 Ω
instead of 200 Ω, resulting in a gain error of less than 0.27 dB.
Some factors, such as the presence of a dynamic source resistance,
may influence the absolute gain accuracy more significantly. At
higher frequencies, the input capacitance of the LNA must be
considered. The user must determine the level of matching
accuracy and adjust RFB accordingly.
RFB is the resulting impedance of the RFB1 and RFB2 combination
(see Figure 33). Using Register 0x02C in the SPI memory map,
the AD9670 can be programmed for four impedance matching
options: three active terminations and one unterminated option.
Table 8 shows an example of how to select RFB1 and RFB2for 66 Ω,
100 Ω, and 200 Ω input impedances for LNA gain = 21.6 dB (12×).
Table 8. Active Termination Example for LNA Gain = 21.6 dB,
RFB1 = 650 Ω, and RFB2 = 1350 Ω
Reg. 0x02C
Value
RS (Ω)
LO-x
Switch
LOSW-x
Switch
RFB (Ω)
RIN (Ω)1
00 (default)
100
On
Off
RFB1
100
01
50
On
On
RFB1 || RFB2
66
10
200
Off
On
RFB2
200
11
N/A2
Off
Off
∞
∞
1 See Equation 4.
2 N/A means not applicable.
The bandwidth (BW) of the LNA is greater than 80 MHz.
Ultimately, the BW of the LNA limits the accuracy of the
synthesized RIN. For RIN = RS up to about 200 Ω, the best match
is between 100 kHz and 10 MHz, where the lower frequency
limit is determined by the size of the ac coupling capacitors, and
the upper limit is determined by the LNA BW. Furthermore, the
input capacitance and RS limit the BW at higher frequencies.
Figure 34 shows RIN vs. frequency for various values of RFB.
10
100
1k
100k
1M
10M
100M
FREQUENCY (Hz)
RS = 50Ω, RFB = 200Ω, CSH = 70pF
RS = 100Ω, RFB = 400Ω, CSH = 20pF
RS = 200Ω, RFB = 800Ω
RS = 500Ω, RFB = 2kΩ
Figure 34. RIN vs. Frequency for Various Values of RFB
(Effects of RSH and CSH Are Also Shown)
However, as seen for larger RIN values, parasitic capacitance
starts rolling off the signal BW before the LNA produces peaking.
CSH further degrades the match; therefore, do not use CSH for
values of RIN that are greater than 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com