Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5833 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 3Page - ON Semiconductor FDMF5833 Datasheet HTML 4Page - ON Semiconductor FDMF5833 Datasheet HTML 5Page - ON Semiconductor FDMF5833 Datasheet HTML 6Page - ON Semiconductor FDMF5833 Datasheet HTML 7Page - ON Semiconductor FDMF5833 Datasheet HTML 8Page - ON Semiconductor FDMF5833 Datasheet HTML 9Page - ON Semiconductor FDMF5833 Datasheet HTML 10Page - ON Semiconductor FDMF5833 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.onsemi.com
7
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=250 nH, TA=25°C and natural convection cooling,
unless otherwise noted.
Figure 4.
Safe Operating Area with 12 VIN
Figure 5.
Safe Operating Area with 19 VIN
Figure 6.
Power Loss vs. Output Current
with 12 VIN
Figure 7.
Power Loss vs. Output Current
with 19 VIN
Figure 8.
Power Loss vs. Switching Frequency
Figure 9.
Power Loss vs. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
55
0
25
50
75
100
125
150
PCB Temperature, TPCB [°C]
FSW = 300kHz
FSW = 1000kHz
VIN = 12V, PVCC & VCC = 5V, VOUT = 1.8V
0
5
10
15
20
25
30
35
40
45
50
55
0
25
50
75
100
125
150
PCB Temperature, TPCB [°C]
FSW = 300kHz
FSW = 1000kHz
VIN = 19V, PVCC & VCC = 5V, VOUT = 1.8V
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
45
50
55
Module Output Current, IOUT [A]
12Vin, 300kHz
12Vin, 500kHz
12Vin, 800kHz
12Vin, 1000kHz
PVCC & VCC = 5V, VOUT = 1.8V
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
45
50
55
Module Output Current, IOUT [A]
19Vin, 300kHz
19Vin, 500kHz
19Vin, 800kHz
19Vin, 1000kHz
PVCC & VCC = 5V, VOUT = 1.8V
0.8
0.9
1.0
1.1
1.2
1.3
1.4
200
300
400
500
600
700
800
900
1000
1100
Module Switching Frequency, FSW [kHz]
VIN = 12V, PVCC & VCC = 5V, VOUT = 1.8V, IOUT = 30A
0.95
1.00
1.05
1.10
1.15
1.20
4
6
8
10
12
14
16
18
20
Module Input Voltage, VIN [V]
PVCC & VVCC = 5V, VOUT = 1.8V, FSW = 500kHz, IOUT = 30A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com