Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5833 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 9Page - ON Semiconductor FDMF5833 Datasheet HTML 10Page - ON Semiconductor FDMF5833 Datasheet HTML 11Page - ON Semiconductor FDMF5833 Datasheet HTML 12Page - ON Semiconductor FDMF5833 Datasheet HTML 13Page - ON Semiconductor FDMF5833 Datasheet HTML 14Page - ON Semiconductor FDMF5833 Datasheet HTML 15Page - ON Semiconductor FDMF5833 Datasheet HTML 16Page - ON Semiconductor FDMF5833 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.onsemi.com
13
Power Sequence
SPS FDMF5833 requires four (4) input signals to
conduct normal switching operation: VIN, VCC / PVCC,
PWM, and EN. PWM should not be applied before VCC
and the amplitude of PWM should not be higher than
VCC. All other combinations of their power sequences
are allowed. The below example of a power sequence
is for a reference application design:
! From no input signals
-> VIN On: Typical 12 VDC
-> VCC / PVCC On: Typical 5 VDC
-> EN HIGH: Typical 5 VDC
-> PWM Signaling: 5 V HIGH / 0 V LOW
The VIN pins are tied to the system main DC power rail.
PVCC and VCC pins are tied together to supply gate
driving and logic circuit powers from the system VCC
rail. Or the PVCC pin can be directly tied to the system
VCC rail, and the VCC pin is powered by PVCC pin
through a filter resistor located between PVCC pin and
VCC pin. The filter resistor reduces switching noise
impact from PVCC to VCC.
The EN pin can be tied to the VCC rail with an external
pull-up resistor and it will maintain HIGH once the VCC
rail turns on. Or the EN pin can be directly tied to the
PWM controller for other purposes.
High-Side Driver
The high-side driver (HDRV) is designed to drive a
floating N-channel MOSFET (Q1). The bias voltage for
the high-side driver is developed by a bootstrap supply
circuit, consisting of the internal Schottky diode and
external bootstrap capacitor (CBOOT). During startup, the
SW node is held at PGND, allowing CBOOT to charge to
PVCC through the internal bootstrap diode. When the
PWM input goes HIGH, HDRV begins to charge the
gate of the high-side MOSFET (internal GH pin). During
this transition, the charge is removed from the CBOOT
and delivered to the gate of Q1. As Q1 turns on, SW
rises to VIN, forcing the BOOT pin to VIN + VBOOT, which
provides sufficient VGS enhancement for Q1. To
complete the switching cycle, Q1 is turned off by pulling
HDRV to SW. CBOOT is then recharged to PVCC when
the SW falls to PGND. HDRV output is in phase with
the PWM input. The high-side gate is held LOW when
the driver is disabled or the PWM signal is held within
the 3-state window for longer than the 3-state hold-off
time, tD_HOLD-OFF.
Low-Side Driver
The low-side driver (LDRV) is designed to drive the
gate-source of a ground-referenced, low-RDS(ON),
N-channel MOSFET (Q2). The bias for LDRV is
internally connected between the PVCC and AGND.
When the driver is enabled, the driver output is 180° out
of phase with the PWM input. When the driver is
disabled (EN = 0 V), LDRV is held LOW.
Continuous Current Mode 2 (CCM2) Operation
A main feature of the low-side driver design in SPS
FMDF5833 is the ability to control the part of the low-
side gate driver upon detection of negative inductor
current,
called
CCM2
operation.
This
is
accomplished by using the ZCD comparator signal.
The primary reason for scaling back on the drive
strength is to limit the peak VDS stress when the low-
side MOSFET hard-switches inductor current. This
peak VDS stress has been an issue with applications
with large amounts of load transient and fast and
wide output voltage regulation.
The MOSFET gate driver in SPS FDMF5833 operates
in one of three modes, described below.
Continuous Current Mode 1 (CCM1) with Positive
Inductor Current
In this mode, inductor current is always flowing towards
the output capacitor, typical of a heavily loaded power
stage. The high-side MOSFET turns on with the low-
side body diode conducting inductor current and SW is
approximately VF below ground, meaning hard-
switched turn on and off the high-side MOSFET.
Discontinuous Current Mode (DCM)
Typical of lightly loaded power stage; the high-side
MOSFET turns on with zero inductor current, ramps the
inductor current, then returns to zero every switching
cycle. When the high-side MOSFET turns on under
DCM operation, the SW node may be at any voltage
from a VF below ground to a VF above VIN. This is
because after the low-side MOSFET turns off, the SW
node capacitance resonates with the inductor current.
The level shifter in driver IC should be able to turn on
the high-side MOSFET regardless of the SW node
voltage. In this case, the high-side MOSFET turns off a
positive current.
During this mode, both LDRV1 and LDRV2 operate in
parallel and the low-side gate driver pull-up and pull-
down resistors are operating at full strength.
Continuous Current Mode 2 (CCM2) with Negative
Inductor Current
This mode is typical in a synchronous buck converter
pulling energy from the output capacitors and delivering
the energy to the input capacitors (Boost Mode). In this
mode, the inductor current is negative (meaning
towards the MOSFETs) when the low-side MOSFET is
turned off (may be negative when the high-side
MOSFET turns on as well). This situation causes the
low-side MOSFET to hard switch while the high-side
MOSFET acts as a synchronous rectifier (temporarily
operated in synchronous Boost Mode).
During this mode, only the “weak” LDRV2 is used for
low-side MOSFET turn-on and turn-off. The intention is
to slow down the low-side MOSFET switching speed
when it is hard switching to reduce peak VDS stress.
Dead-Times in CCM1 / DCM / CCM2
The driver IC design ensures minimum MOSFET dead
times, while eliminating potential shoot-through (cross-
conduction) currents. To ensure optimal module
efficiency, body diode conduction times must be
reduced to the low nano-second range during CCM1
and DCM operation. CCM2 alters the gate drive
impedance while operating the power MOSFETs in a
different mode versus CCM1 / DCM. Altered dead-time
operation must be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com