Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5833 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 1 Page - ON Semiconductor

  FDMF5833 Datasheet HTML 1Page - ON Semiconductor FDMF5833 Datasheet HTML 2Page - ON Semiconductor FDMF5833 Datasheet HTML 3Page - ON Semiconductor FDMF5833 Datasheet HTML 4Page - ON Semiconductor FDMF5833 Datasheet HTML 5Page - ON Semiconductor FDMF5833 Datasheet HTML 6Page - ON Semiconductor FDMF5833 Datasheet HTML 7Page - ON Semiconductor FDMF5833 Datasheet HTML 8Page - ON Semiconductor FDMF5833 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© 2013 Semiconductor Components Industries, LLC.
Publication Order Number:
October-2017, Rev. 2
FDMF5833/D
FDMF5833 – Smart Power Stage (SPS) Module
with Integrated Thermal Warning and Thermal Shutdown
Features
! Ultra-Compact 5 mm x 5 mm PQFN Copper-Clip
Package with Flip Chip Low-Side MOSFET
! High Current Handling: 50 A
! 3-State 5 V PWM Input Gate Driver
! Dynamic Resistance Mode for Low-Side Drive
(LDRV) Slows Low-Side MOSFET during Negative
Inductor Current Switching
! Auto DCM (Low-Side Gate Turn Off) Using
ZCD# Input
! Thermal Warning (THWN#) to Warn Over-
Temperature of Gate Driver IC
! Thermal Shutdown (THDN)
! HS-Short Detect Fault# / Shutdown
! Dual Mode Enable / Fault# Pin
! Internal Pull-Up and Pull-Down for ZCD# and
EN Inputs, respectively
! ON Semiconductor PowerTrench® MOSFETs for
Clean Voltage Waveforms and Reduced Ringing
! ON Semiconductor SyncFET™ Technology
(Integrated Schottky Diode) in Low-Side MOSFET
! Integrated Bootstrap Schottky Diode
! Optimized / Extremely Short Dead-Times
! Under-Voltage Lockout (UVLO) on VCC
! Optimized for Switching Frequencies up to 1.5 MHz
! PWM Minimum Controllable On-Time: 30 ns
! Low Shutdown Current: < 3 µA
! Optimized FET Pair for Highest Efficiency:
10 ~ 15% Duty Cycle
! Operating Junction Temperature Range:
-40°C to +125°C
! ON Semiconductor Green Packaging and RoHS
Compliance
! Automotive Qualified to AEC-Q100 (F085 version)
Description
The SPS family is ON Semiconductor’s next-generation,
fully optimized, ultra-compact, integrated MOSFET plus
driver power stage solution for high-current, high-
frequency, synchronous buck, DC-DC applications. The
FDMF5833 integrates a driver IC with a bootstrap
Schottky diode, two power MOSFETs, and a thermal
monitor into a thermally enhanced, ultra-compact 5 mm
x 5 mm package.
With an integrated approach, the SPS switching power
stage is optimized for driver and MOSFET dynamic
performance, minimized system inductance, and power
MOSFET
RDS(ON).
The
SPS
family
uses
ON
Semiconductor's
high-performance
PowerTrench
®
MOSFET technology, which reduces switch ringing,
eliminating the need for a snubber circuit in most buck
converter applications.
A driver IC with reduced dead times and propagation
delays further enhances the performance. A thermal
warning function warns of a potential over-temperature
situation. A thermal shutdown function turns off the
driver if an over-temperature condition occurs. The
FDMF5833 incorporates an Auto-DCM Mode (ZCD#) for
improved light-load efficiency. The FDMF5833 also
provides a 3-state 5 V PWM input for compatibility with
a wide range of PWM controllers.
Applications
! Notebook, Tablet PC and Ultrabook
! Servers and Workstations, V-Core and Non-V-Core
DC-DC Converters
! Desktop and All-in-One Computers, V-Core and
Non-V-Core DC-DC Converters
! High-Performance Gaming Motherboards
! High-Current DC-DC Point-of-Load Converters
! Networking and Telecom Microprocessor Voltage
Regulators
! Small Form-Factor Voltage Regulator Modules
! Automotive-qualified Systems (F085 version)
Ordering Information
Part Number
Current Rating
Package
Top Mark
FDMF5833
50 A
31-Lead, Clip Bond PQFN SPS, 5.0 mm x 5.0 mm Package
5833
FDMF5833-F085
50 A
31-Lead, Clip Bond PQFN SPS, 5.0 mm x 5.0 mm Package
5833
F085


Similar Part No. - FDMF5833

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
Smart Power Stage (SPS) Module
Rev. 1.9
More results

Similar Description - FDMF5833

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3035 ONSEMI-FDMF3035 Datasheet
1Mb / 21P
Smart Power Stage (SPS) Module
November-2017, Rev. 2
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF301155 ONSEMI-FDMF301155 Datasheet
888Kb / 22P
Smart Power Stage (SPS) Module
November 2016 Rev. 1.0
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5822DC ONSEMI-FDMF5822DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5826DC ONSEMI-FDMF5826DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.8
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3180 ONSEMI-FDMF3180 Datasheet
254Kb / 4P
Smart Power Stage (SPS) Module
November 2016 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com