Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5833 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 13Page - ON Semiconductor FDMF5833 Datasheet HTML 14Page - ON Semiconductor FDMF5833 Datasheet HTML 15Page - ON Semiconductor FDMF5833 Datasheet HTML 16Page - ON Semiconductor FDMF5833 Datasheet HTML 17Page - ON Semiconductor FDMF5833 Datasheet HTML 18Page - ON Semiconductor FDMF5833 Datasheet HTML 19Page - ON Semiconductor FDMF5833 Datasheet HTML 20Page - ON Semiconductor FDMF5833 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.onsemi.com
17
The 150°C THDN feature is combined with a 125°C
THWN# flag. If the driver temperature reaches 125°C,
the THWN# pin is pulled LOW. If the driver continues
operation and its temperature increases up to 150°C,
thermal shutdown is activated. The SPS module is shut
down by EN LOW and the THWN# flag is de-asserted,
so the VTHWN# returns HIGH. Figure 38 shows the
relationship among THWN#, EN, and driver temperature.
W
W
Figure 38.
VTHWN#, VEN vs. Driver Temperature
Catastrophic Fault
SPS FDMF5833 includes a catastrophic fault feature. If
a HS MOSFET short is detected, the driver internally
pulls the EN / FAULT# pin LOW and shuts down the
SPS driver. The intention is to implement a basic circuit
to test the HS MOSFET short by monitoring LDRV and
the state of SW node.
If a HS short fault is detected, the SPS module clocks
the fault latch shutting down the module. The module
requires a VCC POR event to restart.
PWM
LDRV
(internal)
SW
SW-Fault
(internal)
FAULT
(internal)
EN/FAULT#
Potential noise from
adjacent phases switching
HS FET short during
LS FET turning on
false trigger
Normal switching operation
EN/FAULT#
pulled LOW and
driver IC disabled
Figure 39.
Catastrophic Fault Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com