Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 45Page - Dialog Semiconductor DA9213 Datasheet HTML 46Page - Dialog Semiconductor DA9213 Datasheet HTML 47Page - Dialog Semiconductor DA9213 Datasheet HTML 48Page - Dialog Semiconductor DA9213 Datasheet HTML 49Page - Dialog Semiconductor DA9213 Datasheet HTML 50Page - Dialog Semiconductor DA9213 Datasheet HTML 51Page - Dialog Semiconductor DA9213 Datasheet HTML 52Page - Dialog Semiconductor DA9213 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
49 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
110: 40 mV/µs
111: target voltage applied immediately (no soft start)
1:0
R/W
BUCKB_MODE
00: PFM/PWM mode controlled via voltage A and B
registers
01: Automatic mode
10: Buck B always operates in PWM mode
11: Automatic mode
Note 2
Settings higher than 20 mV/µs may cause significant overshoot
Register
Bit
Type
Label
Description
0xD3
BUCK_CONF
7:5
R/W
(reserved)
4
R/W
PH_SH_EN_B
Enable current dependent phase shedding in PWM
for Buck B
3
R/W
PH_SH_EN_A
Enable current dependent phase shedding in PWM
for Buck A
2
R/W
PHASE_SEL_B
Phase selection for Buck B in PWM
0: 1 phase is selected
1: 2 phases are selected
1:0
R/W
PHASE_SEL_A
Phase selection for Buck A in PWM mode. Settings
>01 apply only for DA9213 otherwise the number of
phases is limited to max 2
00: 1 phase is selected
01: 2 phases are selected
10: 3 phases are selected (uneven 0/90/180 phase
shift)
11: 4 phases are selected
Register
Bit
Type
Label
Description
0xD5
VBUCKA_MAX
7
R/W
(reserved)
6:0
R
VBUCKA_MAX
Sets the maximum voltage allowed for Buck A (OTP
programmed, access only in test mode)
0000000: 0.30 V
0000001: 0.31 V
0000010: 0.32 V
Continuing through…
1000110: 1.0 V
to
…
1111101: 1.55 V
1111110: 1.56 V
1111111: 1.57 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com