Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 33Page - Dialog Semiconductor DA9213 Datasheet HTML 34Page - Dialog Semiconductor DA9213 Datasheet HTML 35Page - Dialog Semiconductor DA9213 Datasheet HTML 36Page - Dialog Semiconductor DA9213 Datasheet HTML 37Page - Dialog Semiconductor DA9213 Datasheet HTML 38Page - Dialog Semiconductor DA9213 Datasheet HTML 39Page - Dialog Semiconductor DA9213 Datasheet HTML 40Page - Dialog Semiconductor DA9213 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
37 of 62
© 2017 Dialog Semiconductor
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 25: 2-WIRE Byte Write (SDA Line)
When the host reads data from a register it first has to write to DA9213, DA9214, and DA9215 with
the target register address and then read from DA9213, DA9214, and DA9215 with a Repeated
START or alternatively a second START condition. After receiving the data, the host sends No
Acknowledge and terminates the transmission with a STOP condition. This is illustrated in Figure 26.
S
SLAVEadr W
A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEadr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S
SLAVEadr W
A
REGadr
P
7-bits
1-bit
8-bits
A
Figure 26: Examples of 2-WIRE Byte Read (SDA Line)
Consecutive (page) read out mode is initiated from the master by sending an Acknowledge instead of
Not acknowledge after receipt of the data word. The 2-WIRE control block then increments the
address pointer to the next 2-WIRE address and sends the data to the master. This enables an
unlimited read of data bytes until the master sends a Not acknowledge directly after the receipt of
data, followed by a subsequent STOP condition. If a non-existent 2-WIRE address is read out, the
DA9213, DA9214, and DA9215 will return code zero. This is illustrated in Figure 27.
S
SLAVEadr W A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
7-bits
DATA
A
Sr
R
1-bit
8-bits
S
SLAVEadr
W
A
REGadr
A
SLAVEadr
A
7-bits
1-bit
8-bits
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
A
*
P
DATA
DATA
A
A
*
DATA
8-bits
8-bits
8-bits
Figure 27: Examples of 2-WIRE Page Read (SDA Line)
Note that the slave address after the Repeated START condition must be the same as the previous
slave address.
Consecutive (page) write mode is supported if the Master sends several data bytes following a slave
register address. The 2-WIRE control block then increments the address pointer to the next 2-WIRE
address, stores the received data and sends an Acknowledge until the master sends the STOP
condition. This is illustrated in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com