Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 17Page - Dialog Semiconductor DA9213 Datasheet HTML 18Page - Dialog Semiconductor DA9213 Datasheet HTML 19Page - Dialog Semiconductor DA9213 Datasheet HTML 20Page - Dialog Semiconductor DA9213 Datasheet HTML 21Page - Dialog Semiconductor DA9213 Datasheet HTML 22Page - Dialog Semiconductor DA9213 Datasheet HTML 23Page - Dialog Semiconductor DA9213 Datasheet HTML 24Page - Dialog Semiconductor DA9213 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
21 of 62
© 2017 Dialog Semiconductor
main PMIC, and to the DA9213, DA9214, and DA9215 registers. To poll the status of DA9213 or
DA9214, the host processor must access the dedicated register area through the Control Interface.
DA9213, DA9214, and DA9215 can be additionally controlled by means of hardware inputs.
Figure 14: Typical Application of DA9213
Figure 14 shows a typical use case of DA9213 for the supply of CPU, GPU, or DDR rails. The IC is
enabled and disabled by the main PMIC via IC_EN port as part of its sequencer. Once the IC is
enabled, the CORE application processor enables the buck converter with the EN1 signal and
manages the output voltage selection with the VSEL signal.
VDD_A1
VSYS
VSS_ANA
VIN
LX_A1
FBAP
FBAN
Power Good (GPIO3)
DA9213
CPU /
GPU /
DDR
CORE
EN (GPI0)
VSEL (GPI1)
nIRQ
SCL
SDA
VDDIO
Ext Supply
DA9063
(PMIC)
SENSE+
SENSE-
VDDIO
I2C_ADDR_SEL (GPI4)
LP_MODE
IC_EN
GPIO9 (seq)
VDD_A2
VDD_B1
VDD_B2
LX_A2
LX_B1
LX_B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com