Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT-SF Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SC14WAMDECT-SF
Description  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECT-SF Datasheet(HTML) 4 Page - Dialog Semiconductor

  SC14WAMDECT-SF Datasheet HTML 1Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 2Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 3Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 4Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 5Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 6Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 7Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 8Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
4 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
1.1 PIN DESCRIPTION
Table 2: Pin description
Pin
Module
Pin name
(Note 2)
In/
Out
Iout
Drive
(mA)
Reset
State
(Note 3)
Description
1
GND
-
-
-
Ground
2
P0
O
8
Hi-Z
Control port for FAD. See section 5.6
3
RFP0
O
8
Hi-Z
Control port for FAD. See section 5.6
4
P0n
O
8
Hi-Z
Control port for FAD. See section 5.6
5
RFP0n
O
8
Hi-Z
Control port for FAD. See section 5.6
6
GND
-
-
-
Ground
7
VREFp
O
-
I
Positive microphone supply voltage.
8
MICp
I
-
I
Positive microphone input.
9
NC
-
-
-
Must be unconnected.
10
NC
-
-
-
Must be unconnected.
11
VREFm
-
-
-
Negative microphone reference (star point), connect to GND.
12
LSRp
O
-
O
Positive loudspeaker output.
13
LSRn
O
-
O
Negative loudspeaker output.
14
GND
-
-
-
Ground
15
ACCESS_1
I
-
I
TG mode: Access code bit 1.
PA mode: Must be unconnected.
16
ACC_IN
I
-
I-PU
Transmitter (PA PP or TG FP): Accessory input
Receiver (PA FP or TG PP): Must be unconnected.
17
SOCp
I
-
I
Battery state of charge positive input. Not used, connect to GND.
18
SOCn
I
-
I
Battery state of charge negative input. Not used, connect to GND.
19
GND
-
-
-
Ground
20
GND
-
-
-
Ground
21
NC
-
-
-
Must be unconnected.
22
CHARGE_CTRL
O
1
O-0
Charge control output. Not used, leave unconnected.
23
CHG_DET/
PON
I-
I-PD
(270k
fixed
pull-
down)
PP: Charge Detect input.
FP: Power On pushbutton input:
When OFF and short press: switch ON.
When ON and 2 s press: registration.
When ON and 5 s press: power OFF.
When ON and 10 s press: deregistration.
24
NC
-
-
-
Must be unconnected.
25
NC
-
-
-
Must be unconnected.
26
CP_VOUT1
O
-
I
Must be unconnected.
27
NC
-
-
-
Must be unconnected.
28
GND
-
-
-
Ground
29
PON
I
-
I-PD
(270k
fixed
pull-
down)
PP: Power On & Toggle Mute pushbutton input.
When OFF and short press: switch ON.
When OFF and 2 s press: switch ON and registration.
When ON and short press: toggle mute.
When ON and 2 s press: power OFF.
FP: Must be unconnected.
30
GND
-
-
-
Ground
31
GND
-
-
-
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com