Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT-SF Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SC14WAMDECT-SF
Description  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECT-SF Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SC14WAMDECT-SF Datasheet HTML 17Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 18Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 19Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 20Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 21Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 22Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 23Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 24Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
21 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.7 AUDIO PERFORMANCE
Cp2
Parallel load
capacitance
see Figure 10
30
pF
Cs2
Serial load capacitance
30
F
Rl2
Load resistance
600
Table 21: LSRp/LSRn load circuits
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Figure 9: Load circuit A: Dynamic loudspeaker
RL1
Cp1
LSRp
LSRn
Figure 10: Load circuit B: Piezo loudspeaker
Cs2
LSRp
LSRn
RL2
Cp2
Table 22: Frequency response
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Fco_low
Lower cutoff frequency
(-3 dB)
Input voltage = -20 dBV rms
Output voltage: -3 dBV rms
6Hz
Fco_upr
Upper cutoff frequency
(-3 dB
11.3
kHz
Table 23: Distortion
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total Harmonic Distor-
tion
PA mode; PP: Vin = -30 dBV;
measured on FP
f = 200 Hz, volume step 1
0.5
%
f = 200 Hz, volume step 9
1.0
%
f = 2 kHz, volume step 1
0.03
%
f = 2 kHz, volume step 9
0.09
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com