Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT-SF Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SC14WAMDECT-SF
Description  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECT-SF Datasheet(HTML) 5 Page - Dialog Semiconductor

  SC14WAMDECT-SF Datasheet HTML 1Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 2Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 3Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 4Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 5Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 6Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 7Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 8Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
5 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
32
ACC_OUT
O
8
-
Receiver (PA FP or TG PP): Accessory output
Transmitter (PA PP or TG FP): Must be unconnected.
33
MAS_SLV
I
-
I-PD
Configuration of PA and TG mode.
MAS_SLV
FP_PP
Mode
HL
PA receiver
H
H
PA transmitter
L
L
TG transmitter
LH
TG receiver
34
FP_PP
I
-
I-PD
35
VOL_DN
I
-
I-PD
PP: Volume Down input. Connect to Volume Down pushbutton.
FP: Must be unconnected.
36
VOL_UP/
MUTE
I
-
I-PU
PP: Volume Up input. Connect to Volume Up pushbutton.
FP: Mute input. When this pin is pulled LOW the FP will mute all
audio to/from the PP.
37
NC
-
-
-
Must be unconnected.
38
GND
-
-
-
Ground
39
NC
-
-
-
Must be unconnected.
40
REGION1
-
-
I-PU
Selection of DECT RF frequency (FP and PP).
REGION1
REGION2
RF BAND
L
L
DECT 6.0 (USA)
LH
Reserved
H
L
Japan DECT
H
H
European DECT
41
REGION2
-
-
I-PD
42
LED_RED2
O
8
I
PA FP: Red LED 2 output (see section 5.0). Connect to VDDOUT
via a series resistor (typ. 39
.
Other modes: Must be unconnected.
43
RF_POWER
I
-
I-PU
RF Power mode selection input.
High Power Mode (HPM): leave unconnected.
Low Power Mode (LPM): connect to GND.
44
NC
-
-
-
Must be unconnected.
45
GND
-
-
-
Ground
46
NC
-
-
-
Must be unconnected.
47
UART_RX
I
-
I-PD
(10k)
UART RX input, debug purposes.
48
UART_TX
O
8
-
UART TX output, debug purposes.
49
GND
-
-
-
Ground
50
GND
-
-
-
Ground
51
GND
-
-
-
Ground
52
RSTn
I
1
I-PU
(200k
pull-up)
Active low Reset input with Schmitt-trigger input, open-drain output
and pull-up resistor to internal VDD. Input may not exceed 2.0 V. An
internal capacitor of 47 nF is mounted on this pin.
53
JTAG
-
-
-
Debug purposes. Internally connected to VDDOUT (pin 61) via a
1k
 resistor
54
NC
-
-
-
Must be unconnected.
55
NC
-
-
-
Must be unconnected.
56
NC
-
-
-
Must be unconnected.
57
NC
-
-
-
Must be unconnected.
58
LED_RED1
O
8
I
Red LED output 1. See section 5.0.
Table 2: Pin description (Continued)
Pin
Module
Pin name
(Note 2)
In/
Out
Iout
Drive
(mA)
Reset
State
(Note 3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com