Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT-SF Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SC14WAMDECT-SF
Description  Wireless Audio Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14WAMDECT-SF Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SC14WAMDECT-SF Datasheet HTML 10Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 11Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 12Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 13Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 14Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 15Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 16Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 17Page - Dialog Semiconductor SC14WAMDECT-SF Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Datasheet
Revision 3.0
23-Jul-2015
CFR0011-120-00-FM Rev 5
14 of 36
© 2013 Dialog Semiconductor
SC14WAMDECT SF
Wireless Audio Module
FINAL
5.1 PUBLIC ADDRESS MODE
In Public Address mode one or two battery operated
wireless microphones (PP, transmitter) connect to a
standalone loudspeaker (FP, receiver).
5.1.1 Microphone (PP)
The wireless microphone can be a standard handheld
microphone or a belt pack with a lavalier microphone
attached. The SC14WAMDECT SF module (transmit-
ter, PP) can be integrated into the microphone.
The microphone or belt pack should have three LEDs
(two red and one green), a Power On button and two
optional pushbuttons for volume up and down.
5.1.2 Loudspeaker (FP)
The SC14WAMDECT SF module (receiver, FP) can be
integrated directly into a loudspeaker or an amplifier. In
the use case described below it is assumed that the
module is built into a simple loudspeaker with inte-
grated amplifier.
The loudspeaker can be mains or battery operated.
The loudspeaker should have three status LEDs (two
red and one green) and one pushbutton, which acts as
both Power On and Registration button.
The Power On button will normally be connected to the
power switch of the loudspeaker/amplifier. The Regis-
tration button is used for pairing of a wireless micro-
phone with the loudspeaker.
5.1.3 LED indication
A green LED and two red LEDs indicate the status of
the module. The indications apply for both FP and PP.
Pins LED_RED1 and LED_RED2 indicate the status of
microphones 1 and 2. See Table 6.
5.1.4 Volume control
The microphone can have optional Volume Up and Vol-
ume Down keys. The volume control range is:
• Microphone volume: 0 dB to +30 dB, 2 dB/step,
default value: +10 dB.
• Loudpeaker volume: fixed at 0 dB.
To mute the microphone press and release the Power
On button (toggle).
To mute both microphones from the loudspeaker side
(FP), press and hold the Volume Up key. The audio will
be muted as long as this key is pressed.
5.1.5 Accessory input/output
The accessory input (pin ACC_IN) for the microphone
(PP) and the accessory output (pin ACC_OUT) for the
loudspeaker (FP) are supported as shown in Table 7.
Pin ACC_OUT could be used to control an external
audio amplifier to drive large loudspeakers.
5.2 TOUR GUIDE MODE
In Tour Guide mode a microphone (FP, transmitter)
broadcasts to up to 128 headphones (PP, receiver).
After pairing to the FP, all headphones will receive the
same audio signal from the microphone.
5.2.1 Microphone (FP)
The microphone is the audio transmitter and should
include two LEDs (red and green), a Power On button
and two optional pushbuttons for volume up and down.
The SC14WAMDECT SF module (transmitter, FP) can
be integrated into the microphone.
5.2.2 Headphone (PP)
The SC14WAMDECT SF module (receiver, PP) is nor-
mally built into the headphone and directly connected
to the loudspeaker.
5.2.3 LED indication
A green and a red LED (pin LED_RED1) indicate the
status of the module. The indications apply for both FP
and PP. Pin LED_RED2 is not used. See Table 6.
5.2.4 Volume control
The headphone can have optional Volume Up and
Down pushbuttons. The volume control range is:
• Microphone volume: fixed at +10 dB.
• Loudspeaker volume: -12 dB to +2 dB, 2 dB/step,
default value: +2 dB.
To mute the loudspeaker (receiver) press and release
the Power On button (toggle). To mute the microphone
(transmitter) press and hold the Volume Up key. The
audio will be muted as long as this key is pressed.
Table 6: LED status indications
LED_GRN
LED_REDx Description
OFF
OFF
module OFF
ON
OFF
module ON, no link
OFF
ON
module ON, link good
OFF
flash 0.5 s
mute (MIC or SPEAKER)
OFF
flash 1 s
registration ongoing
flash 0.25 s
OFF
battery LOW, link good
flash 0.5 s
OFF
battery LOW, no link
Table 7: Accessory I/O function table (PA mode)
ACC_IN (PP1)
ACC_IN (PP2)
ACC_OUT (FP)
LL
H
LHL
HL
L
HH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com