Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7878LP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7878LP
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878LP Datasheet(HTML) 1 Page - Analog Devices

  AD7878LP Datasheet HTML 1Page - Analog Devices AD7878LP Datasheet HTML 2Page - Analog Devices AD7878LP Datasheet HTML 3Page - Analog Devices AD7878LP Datasheet HTML 4Page - Analog Devices AD7878LP Datasheet HTML 5Page - Analog Devices AD7878LP Datasheet HTML 6Page - Analog Devices AD7878LP Datasheet HTML 7Page - Analog Devices AD7878LP Datasheet HTML 8Page - Analog Devices AD7878LP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7878
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
LC2MOS Complete 12-Bit
100 kHz Sampling ADC with DSP Interface
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Complete ADC with DSP Interface, Comprising:
Track/Hold Amplifier with 2
s Acquisition Time
7
s A/D Converter
3 V Zener Reference
8-Word FIFO and Interface Logic
72 dB SNR at 10 kHz Input Frequency
Interfaces to High Speed DSP Processors, e.g.,
ADSP-2100, TMS32010, TMS32020
41 ns max Data Access Time
Low Power, 60 mW typ
APPLICATIONS
Digital Signal Processing
Speech Recognition and Synthesis
Spectrum Analysis
High Speed Modems
DSP Servo Control
GENERAL DESCRIPTION
The AD7878 is a fast, complete, 12-bit A/D converter with a
versatile DSP interface consisting of an 8-word, first-in, first-out
(FIFO) memory and associated control logic.
The FIFO memory allows up to eight samples to be digitized
before the microprocessor is required to service the A/D con-
verter. The eight words can then be read out of the FIFO at
maximum microprocessor speed. A fast data access time of
41 ns allows direct interfacing to DSP processors and high
speed 16-bit microprocessors.
An on-chip status/control register allows the user to program the
effective length of the FIFO and contains the FIFO out of
range, FIFO empty and FIFO word count information.
The analog input of the AD7878 has a bipolar range of
±3 V.
The AD7878 can convert full power signals up to 50 kHz and is
fully specified for dynamic parameters such as signal-to-noise
ratio and harmonic distortion.
The AD7878 is fabricated in Linear Compatible CMOS
(LC
2MOS), an advanced, mixed technology process that com-
bines precision bipolar circuits with low power CMOS logic.
The part is available in four package styles, 28-pin plastic and
hermetic dual-in-line package (DIP), leadless ceramic chip
carrier (LCCC) or plastic leaded chip carrier (PLCC).
PRODUCT HIGHLIGHTS
1. Complete A/D Function with DSP Interface
The AD7878 provides the complete function for digitizing
ac signals to 12-bit accuracy. The part features an on-chip
track/hold, on-chip reference and 12-bit A/D converter. The
additional feature of an 8-word FIFO reduces the high soft-
ware overheads associated with servicing interrupts in DSP
processors.
2. Dynamic Specifications for DSP Users
The AD7878 is fully specified and tested for ac parameters,
including signal-to-noise ratio, harmonic distortion and
intermodulation distortion. Key digital timing parameters
are also tested and specified over the full operating tempera-
ture range.
3. Fast Microprocessor Interface
Data access time of 41 ns is the fastest ever achieved in a
monolithic A/D converter, and makes the AD7878 compat-
ible with all modern 16-bit microprocessors and digital
signal processors.


Similar Part No. - AD7878LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878LP AD-AD7878LP Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
More results

Similar Description - AD7878LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7572 AD-AD7572 Datasheet
694Kb / 8P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7572A AD-AD7572A Datasheet
816Kb / 12P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV.B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7572AANZ10 AD-AD7572AANZ10 Datasheet
819Kb / 12P
LC2MOS COMPLETE,HIGH SPEED 12-BIT ADC
REV. A
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com