Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC862
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC862 Datasheet HTML 4Page - Micrel Semiconductor MIC862 Datasheet HTML 5Page - Micrel Semiconductor MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor MIC862 Datasheet HTML 10Page - Micrel Semiconductor MIC862 Datasheet HTML 11Page - Micrel Semiconductor MIC862 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 2004
9
MIC862
MIC862
Micrel
TIME 5
µs/div
Large Signal Response
A
V = 1
V
± = ±1.35V
C
L = 1.7pF
R
L = 1MΩ
Positive Slew Rate = 1.5V/
µs
Negative Slew Rate = 2.0V/
µs
TIME 5
µs/div
A
V = 1
V
± = ±2.5V
C
L = 1.7pF
RL = 1MΩ
Large Signal Response
Positive Slew Rate = 1.8V/
µs
Negative Slew Rate = 4.1V/
µs
Large Signal Response
TIME 5
µs/div
A
V = 1
V
± = ±2.5V
C
L = 50pF
RL = 500Ω
Positive Slew Rate = 1.8V/
µs
Negative Slew Rate = 4.7V/
µs
TIME 5
µs/div
A
V = 1
V
± = ±1.35V
C
L = 50pF
RL = 500Ω
Large Signal Response
Positive Slew Rate = 1.5V/
µs
Negative Slew Rate = 2.8V/
µs
Large Signal Pulse Response
TIME 5
µs/div
A
V = 1
V
± = ±1.35V
C
L = 1000pF
RL = 500Ω
Positive Slew Rate = 1.3V/
µs
Negative Slew Rate = 3.6V/
µs
Large Signal Pulse Response
TIME 5
µs/div
A
V = 1
V
± = ±2.5V
C
L = 1000pF
RL = 500Ω
Positive Slew Rate = 1.3V/
µs
Negative Slew Rate = 3.6V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com