Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC862
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC862 Datasheet HTML 1Page - Micrel Semiconductor MIC862 Datasheet HTML 2Page - Micrel Semiconductor MIC862 Datasheet HTML 3Page - Micrel Semiconductor MIC862 Datasheet HTML 4Page - Micrel Semiconductor MIC862 Datasheet HTML 5Page - Micrel Semiconductor MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC862
Micrel
MIC862
4
September 2004
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
Supply voltage change of 2.7V to 3V
60
85
dB
A
VOL
Large-Signal Voltage Gain
R
L = 5kΩ, VOUT = 2VP-P
65
77
dB
R
L = 100kΩ, VOUT = 2VP-P
80
90
dB
R
L = 500kΩ, VOUT = 2VP-P
90
101
dB
GBW
Gain-Bandwidth Product
R
L = 20kΩ, CL = 2pF, Av = 11
2.3
MHz
PM
Phase Margin
R
L = 20kΩ, CL = 2pF, Av = 11
50
°
BW
–3 dB Bandwidth
R
L = 1MΩ, CL = 2pF, Av = 1
4.2
MHz
SR
Slew Rate
R
L = 1MΩ, CL = 2pF, Av = 1
3
V/
µs
Positive Slew Rate 1.5V/
µs
I
SC
Short-Circuit Output Current
Source
4.5
6.3
mA
Sink
4.5
6.2
mA
I
S
Supply Current (per op amp)
No Load
28
45
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB
V+= +5V, V–= 0V, V
CM= V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
V
OS
Input Offset Voltage
–6
0.1
6
mV
–55
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range (from V–)
CMRR > 60dB
3.5
4.1
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 3.5V,
60
87
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change from 3V to 5V
60
92
dB
A
VOL
Large-Signal Voltage Gain
R
L = 5kΩ, VOUT = 4.8VP-P
65
73
dB
R
L = 100kΩ, VOUT = 4.8VP-P
80
86
dB
R
L = 500kΩ, VOUT = 4.8VP-P
89
96
dB
V
OUT
Maximum Output Voltage Swing
R
L = 5kΩ
V+–50mV V+–37mV
V
R
L = 500kΩ
V+–3mV
V+–1.3mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 5kΩ
V–+24mV V–+ 40mV
mV
R
L = 500kΩ
V–+0.7mV V–+ 3mV
mV
GBW
Gain-Bandwidth Product
R
L = 20kΩ, CL = 2pF, Av = 11
3
MHz
PM
Phase Margin
45
°
BW
–3 dB Bandwidth
R
L = 1MΩ, CL = 2pF, Av = 1
5
MHz
SR
Slew Rate
R
L = 1MΩ, CL = 2pF, Av = 1
4
V/
µs
Positive Slew Rate 1.8V/
µs
I
SC
Short-Circuit Output Current
Source
17
23
mA
Sink
18
27
mA
I
S
Supply Current (per op amp)
No Load
31
47
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensitive
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Note 5.
DC signal referenced to input. Refer to Typical Characteristics graphs for AC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com