Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC862
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC862 Datasheet HTML 1Page - Micrel Semiconductor MIC862 Datasheet HTML 2Page - Micrel Semiconductor MIC862 Datasheet HTML 3Page - Micrel Semiconductor MIC862 Datasheet HTML 4Page - Micrel Semiconductor MIC862 Datasheet HTML 5Page - Micrel Semiconductor MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 2004
3
MIC862
MIC862
Micrel
Absolute Maximum Ratings(1)
Supply Voltage (V
V+ – V–) ......................................... +6.0V
Differential Input Voltage (
V
IN+ – VIN–), Note 4 ...... +6.0V
Input Voltage (V
IN+ – VIN–) .................. V+ + 0.3V, V–0.3V
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Output Short Circuit Current Duration .................. Indefinite
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 3
Operating Ratings(2)
Supply Voltage (V+ – V–) ............................. +2V to +5.25V
Ambient Temperature Range ..................... –40
°C to +85°C
Package Thermal Resistance .......................... PCB boards
θ
JA (using 4 layer PCB) ................................. 100°C/W
θ
JC (using 4 layer PCB) ................................... 70°C/W
Electrical Characteristics
V+ = +2V, V– = 0V, V
CM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
–6
0.1
6
mV
–55
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range (from V–)
CMRR > 50dB
0.5
1V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 1V
45
75
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 2V to 2.7V
50
78
dB
A
VOL
Large-Signal Voltage Gain
R
L = 5kΩ, VOUT = 1.4VP-P
66
74
dB
R
L = 100kΩ, VOUT = 1.4VP-P
75
89
dB
R
L = 500kΩ, VOUT = 1.4VP-P
85
100
dB
V
OUT
Maximum Output Voltage Swing
R
L = 5kΩ
V+–80mV V+–55mV
V
R
L = 500kΩ
V+–3mV
V+–1.4mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 5kΩ
V–+14mV V–+ 20mV
mV
R
L = 500kΩ
V–+0.85mV V–+ 3mV
mV
GBW
Gain-Bandwidth Product
R
L = 20kΩ, CL = 2pF, Av = 11
2.1
MHz
PM
Phase Margin
R
L = 20kΩ, CL = 2pF, Av = 11
57
°
BW
–3dB Bandwidth
R
L = 1MΩ, CL = 2pF, Av = 1
4.2
MHz
SR
Slew Rate
R
L = 1MΩ, CL = 2pF, Av = 1,
2
V/
µs
Positive Slew Rate = 1.5V/
µs
I
SC
Short-Circuit Output Current
Source
1.8
2.6
mA
Sink
1.5
2.2
mA
I
S
Supply Current (per op amp)
No Load
27
43
µA
Channel-to-Channel Crosstalk
Note 5
–100
dB
V+ = +2.7V, V– = 0V, V
CM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
V
OS
Input Offset Voltage
–6
0.1
6
mV
–55
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range
CMRR > 60dB
1
1.8
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 1.35V
65
83
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com