Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC862
Description  DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC862 Datasheet HTML 1Page - Micrel Semiconductor MIC862 Datasheet HTML 2Page - Micrel Semiconductor MIC862 Datasheet HTML 3Page - Micrel Semiconductor MIC862 Datasheet HTML 4Page - Micrel Semiconductor MIC862 Datasheet HTML 5Page - Micrel Semiconductor MIC862 Datasheet HTML 6Page - Micrel Semiconductor MIC862 Datasheet HTML 7Page - Micrel Semiconductor MIC862 Datasheet HTML 8Page - Micrel Semiconductor MIC862 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2004
1
MIC862
MIC862
Micrel
MIC862
Dual Ultra Low Power Op Amp in SOT23-8
General Description
The MIC862 is a dual low power operational amplifier in
SOT23-8 package. It is designed to operate in the 2V to 5V
range, rail-to-rail output, with input common-mode to ground.
The MIC862 provides 3MHz gain-bandwidth product while
consuming only a 31
µA/Channel supply current.
With low supply voltage and SOT23-8 packaging, MIC862
provides two channels as general-purpose amplifiers for
portable and battery-powered applications. Its package pro-
vides the maximum performance available while maintaining
an extremely slim form factor. The minimal power consump-
tion of this IC maximizes the battery life potential.
Features
• SOT23-8 packaging
• 3MHz gain-bandwidth product
• 5MHz, –3dB bandwidth
•31
µA supply current
• Rail-to-rail output
• Ground sensing at input (common mode to GND)
• Drive large capactive loads
• Unity gain stable
Applications
• Portable equipment
• Medical Insrument
• PDAs
• Pagers
• Cordless phones
• Consumer electronics
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Marking
Ambient Temp. Range
Package
MIC862BM8
A34
–40
°C to +85°C
SOT23-8
MIC862YM8
A34
–40
°C to +85°C
SOT23-8
Pb-Free
Typical Application
50
Ω
0.1
µF
10
µF
100pF
510
Ω
1
/2MIC862
1
/2MIC862
VOUT
V+
RF
Peak Detector Circuit for AM Radio


Similar Part No. - MIC862

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862 MICREL-MIC862 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
logo
Micrel Semiconductor
MIC862BM8 MICREL-MIC862BM8 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862TYM8 MICREL-MIC862TYM8 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
MIC862YM8 MICREL-MIC862YM8 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
More results

Similar Description - MIC862

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com