Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F77 Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 203 page
background image
Rev. 1.20
�8
De�e��e� 1�� 201�
Rev. 1.20
�9
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Register
Power On Reset
LVR Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
ADCR1
0000 000-
0000 000-
0000 000-
uuuu uuu-
ADRL
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRM
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH
---- xxxx
---- xxxx
---- xxxx
---- uuuu
ADCS
---0 0000
---0 0000
---0 0000
---u uuuu
SPIC0
1 1 1- --0-
1 1 1- --0-
1 1 1- --0-
uuu- --u-
SPIC1
--00 0000
--00 0000
--00 0000
--uu uuuu
SPID
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
LVRC
0101 0101
0101 0101
0101 0101
uuuu uuuu
CTRL
0--- -x00
0--- -x00
0--- -x00
u--- -uuu
SIMC0
111 - 0000
111 - 0000
111 - 0000
uuu - uuuu
SIMC1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMA/SIMC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMTOC
0000 0000
0000 0000
0000 0000
uuuu uuuu
EEA
--xx xxxx
--xx xxxx
--xx xxxx
--uu uuuu
EED
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
FC0
0111 0000
0111 0000
0111 0000
uuuu uuuu
FC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
FC2
---- ---0
---- ---0
---- ---0
---- ---u
FARL
0000 0000
0000 0000
0000 0000
uuuu uuuu
FARH
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD2L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD2H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
SGC
0 - - 0 - - - -
0 - - 0 - - - -
0 - - 0 - - - -
u - - u - - - -
SGN
--00 0000
--00 0000
--00 0000
--uu uuuu
SGDNR
---0 0000
---0 0000
---0 0000
---u uuuu
OPAC
0--- 0000
0--- 0000
0--- 0000
u--- uuuu
SWC
0000 0000
0000 0000
0000 0000
uuuu uuuu
DACO
--00 0000
--00 0000
--00 0000
--uu uuuu
FTRC
0--0 --00
0--0 --00
0--0 --00
u--u --uu
Note:"u"standsforunchanged
"x"standsforunknown
"-"standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com