Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F77 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 203 page
background image
Rev. 1.20
32
De�e��e� 1�� 201�
Rev. 1.20
33
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
ERASE PAGE
FARH
FARL[7:5]
Note
0
0000 0000
000
FARL[�:0]: don’t �a�e
1
0000 0000
001
2
0000 0000
010
3
0000 0000
011
�
0000 0000
100
5
0000 0000
101
�
0000 0000
110
7
0000 0000
111
8
0000 0001
000
9
0000 0001
001
:
:
:
252
0001 1111
100
253
0001 1111
101
25�
0001 1111
110
255
0001 1111
111
Read
Flash Me�o�y
Clea� FRDEN �it
END
Read Finish ?
Yes
No
Set FMOD [2:0]=011
& FRDEN=1
Set Flash Add�ess �egiste�s
FARH=xxh� FARL=xxh
FRD=0 ?
Yes
No
Read data value:
FD0L=xxh� FD0H=xxh
Set FRD=1
Read Flash Memory Procedure
Note:WhentheFWTorFRDbitissetto1,theMCUisstopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com