Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F77 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 203 page
background image
Rev. 1.20
12
De�e��e� 1�� 201�
Rev. 1.20
13
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal................................................................................................................................... 150mA
IOHTotal..................................................................................................................................-100mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD1
Ope�ating Voltage (HXT)
─
fSYS=8MHz
2.2
─
5.5
V
fSYS=12MHz
2.7
─
5.5
V
fSYS=1�MHz
�.5
─
5.5
V
VDD2
Ope�ating Voltage (HIRC)
─ fSYS=�.8MHz
2.2
─
5.5
V
IDD1
Ope�ating Cu��ent
(HXT� fSYS=fH�
fS=fSUB=fLXT o� fLIRC)
3V No load� fH=8MHz� LDO� �ha�ge pu�p�
LCD� ADC off� WDT ena�le
─
1.0
1.5
�A
5V
─
2.5
�
�A
3V No load� fH=10MHz� LDO� �ha�ge pu�p�
LCD� ADC off� WDT ena�le
─
1.2
2.0
�A
5V
─
2.8
�.5
�A
3V No load� fH=12MHz� LDO� �ha�ge pu�p�
LCD� ADC off� WDT ena�le
─
1.5
2.5
�A
5V
─
3.5
5.5
�A
5V No load� f
H
=1�MHz� LDO� �ha�ge pu�p�
LCD� ADC off� WDT ena�le
─
�.5
7.0
�A
5V No load� f
H
=20MHz� LDO� �ha�ge pu�p�
LCD� ADC off� WDT ena�le
─
5.5
8.5
�A
IDD2
Ope�ating Cu��ent
(HIRC� fSYS=fH�
fS=fSUB=fLXT o� fLIRC)
3V No load� fH=�.8MHz� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
0.7
1.2
�A
5V
─
1.5
2.5
�A
3V No load� fH=�.8×2MHz� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
1.2
2.0
�A
5V
─
2.8
�.5
�A
3V No load� fH=�.8×3MHz� LDO� �ha�ge
pu�p� LCD� ADC off� WDT ena�le
─
1.8
3.0
�A
5V
─
�.0
�.0
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com