Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F77 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT45F77
Description  Body Fat Scale Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F77 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT45F77 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F77 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 203 page
background image
Rev. 1.20
7�
De�e��e� 1�� 201�
Rev. 1.20
77
De�e��e� 1�� 201�
HT45F77
Body Fat Scale Flash MCU
HT45F77
Body Fat Scale Flash MCU
Bit1
TP1CPS:TP1_0,TP1_1pinselection
0:TP1_0
1:TP1_1
WhenTM1isenabled,theoutputfunctionofTP1_0istimer,thentheTP1_1isI/O,
andviceversa.
Bit0
TP0CPS:TP0_0,TP0_1pinselection
0:TP0_0
1:TP0_1
WhenTM0isenabled,theoutputfunctionofTP0_0istimer,thentheTP0_1isI/O,
andviceversa.
Programming Considerations
TheTMCounterRegistersandtheCapture/CompareCCRAandCCRPregisters,being10-bit,all
havealowandhighbytestructure.Thehighbytescanbedirectlyaccessed,butasthelowbytes
canonlybeaccessedviaaninternal8-bitbuffer,readingorwritingtotheseregisterpairsmustbe
carriedoutinaspecificway.Theimportantpointtonoteisthatdatatransfertoandfromthe8-bit
bufferanditsrelatedlowbyteonlytakesplacewhenawriteorreadoperationtoitscorresponding
highbyteisexecuted.AstheCCRAandCCRPregistersareimplementedinthewayshowninthe
followingdiagramandaccessingtheregisteriscarriedoutinaspecificwaydescribedabove,it
isrecommendedtousethe"MOV"instructiontoaccesstheCCRAandCCRPlowbyteregisters,
namedTMxAL/PTMxALandPTMxRPL,usingthefollowingaccessprocedures.Accessing
theCCRAorCCRPlowbyteregisterwithoutfollowingtheseaccessprocedureswillresultin
unpredictablevalues.
Data
Bus
8-�it Buffe�
TMxDH/
PTMxDH
TMxDL/
PTMxDL
PTMxRPH
PTMxRPL
TMxAH/
PTMxAH
TMxAL/
PTMxAL
TM Counte� Registe� (Read only)
TM CCRA Registe� (Read/W�ite)
TM CCRP Registe� (Read/W�ite)
Thefollowingstepsshowthereadandwriteprocedures:
• WritingDatatoCCRAorCCRP
♦
Step1.WritedatatoLowByteTMxAL/PTMxALorPTMxRPL
– Notethatheredataisonlywrittentothe8-bitbuffer.
♦
Step2.WritedatatoHighByteTMxAH/PTMxAHorPTMxRPH
– Heredataiswrittendirectlytothehighbyteregistersandsimultaneouslydataislatched
fromthe8-bitbuffertotheLowByteregisters.
• ReadingDatafromtheCounterRegistersandCCRAorCCRP
♦
Step1.ReaddatafromtheHighByteTMxDH/PTMxDH,TMxAH/PTMxAHorPTMxRPH
– HeredataisreaddirectlyfromtheHighByteregistersandsimultaneouslydataislatched
fromtheLowByteregisterintothe8-bitbuffer.
♦
Step2.ReaddatafromtheLowByteTMxDL/PTMxDL,TMxAL/PTMxALorPTMxRPL
– Thisstepreadsdatafromthe8-bitbuffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com