Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3830 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT45F3830
Description  Ultrasonic Atomizer Flash MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3830 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45F3830 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 149 page
background image
Rev. 1.10
��
�an�a�� 0�� �01�
Rev. 1.10
��
�an�a�� 0�� �01�
HT45F3830
Ultrasonic Atomizer Flash MCU
HT45F3830
Ultrasonic Atomizer Flash MCU
CTMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
CTM1
CTM0
CTIO1
CTIO0
CTOC
CTPOL
CTDPX CTCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
CTM1~CTM0:SelectCTMOperatingMode
00:CompareMatchOutputMode
01:Undefined
10:PWMOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheCTM.Toensurereliable
operationtheCTMshouldbeswitchedoffbeforeanychangesaremadetotheCTM1
andCTM0bits.IntheTimer/CounterMode,theCTMoutputpinstateisundefined.
Bit5~4
CTIO1~CTIO0:SelectCTPoutputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Undefined
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheCTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheCTMisrunning.
IntheCompareMatchOutputMode,theCTIO1andCTIO0bitsdeterminehowthe
CTMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheCTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheCTMoutput
pinshouldbesetupusingtheCTOCbitintheCTMC1register.Notethattheoutput
levelrequestedbytheCTIO1andCTIO0bitsmustbedifferentfromtheinitialvalue
setupusingtheCTOCbitotherwisenochangewilloccurontheCTMoutputpinwhen
acomparematchoccurs.AftertheCTMoutputpinchangesstateitcanberesettoits
initiallevelbychangingtheleveloftheCTONbitfromlowtohigh.
InthePWMOutputMode,theCTIO1andCTIO0bitsdeterminehowtheCTM
outputpinchangesstatewhenacertaincomparematchconditionoccurs.ThePWM
outputfunctionismodifiedbychangingthesetwobits.Itisnecessarytoonlychange
thevaluesoftheCTIO1andCTIO0bitsonlyaftertheCTMhasbeenswitchedoff.
UnpredictablePWMoutputswilloccuriftheCTIO1andCTIO0bitsarechanged
whenTheCTMisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com