Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3830 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT45F3830
Description  Ultrasonic Atomizer Flash MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3830 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT45F3830 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
Rev. 1.10
��
�an�a�� 0�� �01�
Rev. 1.10
��
�an�a�� 0�� �01�
HT45F3830
Ultrasonic Atomizer Flash MCU
HT45F3830
Ultrasonic Atomizer Flash MCU
Bit3
CTOC:CTPOutputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheCTMoutputpin.Itsoperationdependsupon
whetherCTMisbeingusedintheCompareMatchOutputModeorinthePWM
OutputMode.IthasnoeffectiftheCTMisintheTimer/CounterMode.Inthe
CompareMatchOutputModeitdeterminesthelogicleveloftheCTMoutputpin
beforeacomparematchoccurs.InthePWMOutputModeitdeterminesifthePWM
signalisactivehighoractivelow.
Bit2
CTPOL:CTPOutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheCTPoutputpin.WhenthebitissethightheCTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
CTMisintheTimer/CounterMode.
Bit1
CTDPX:CTMPWMperiod/dutyControl
0:CCRP-period;CCRA-duty
1:CCRP-duty;CCRA-period
Thisbit,determineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
CTCCLR:SelectCTMCounterclearcondition
0:CTMComparatrorPmatch
1:CTMComparatrorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.RememberthattheCTM
containstwocomparators,ComparatorAandComparatorP,eitherofwhichcanbe
selectedtocleartheinternalcounter.WiththeCTCCLRbitsethigh,thecounterwill
beclearedwhenacomparematchoccursfromtheComparatorA.Whenthebitislow,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorPor
withacounteroverflow.Acounteroverflowclearingmethodcanonlybeimplemented
iftheCCRPbitsareallclearedtozero.TheCTCCLRbitisnotusedinthePWM
OutputMode.
CTMDL Register
Bit
7
6
5
4
3
2
1
0
Name
D�
D�
D5
D4
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
CTMCounterLowByteRegisterbit7~bit0
CTM10-bitCounterbit7~bit0
CTMDH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
CTMCounterHighByteRegisterbit1~bit0
CTM10-bitCounterbit9~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com