Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3830 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3830
Description  Ultrasonic Atomizer Flash MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3830 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3830 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
Rev. 1.10
1�
�an�a�� 0�� �01�
Rev. 1.10
13
�an�a�� 0�� �01�
HT45F3830
Ultrasonic Atomizer Flash MCU
HT45F3830
Ultrasonic Atomizer Flash MCU
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
S�stem Clock (HIRC)
�.�V ~ 5.5V fSYS=fHIRC=1�MHz
—
1�
—
MHz
S�stem Clock (LIRC)
�.�V ~ 5.5V fSYS=fLIRC=3�kHz
—
3�
—
kHz
fHIRC
High Speed Inte�nal RC Oscillato�
(HIRC)
3V
Ta=�5°C
-�%
1�
+�% MHz
5V
Ta=�5°C
-�%
1�
+�% MHz
�.�V~ 5.5V Ta=�5°C
-5%
1�
+5% MHz
3V
Ta=0°C ~ �0°C
-�%
1�
+�% MHz
5V
Ta=0°C ~ �0°C
-�%
1�
+�% MHz
3V
Ta= -40°C ~ 85°C
-10% 1� +10% MHz
5V
Ta= -40°C ~ 85°C
-�%
1�
+�% MHz
�.�V ~ 5.5V Ta=0°C ~ �0°C
-�%
1�
+�% MHz
�.�V ~ 5.5V Ta= -40°C ~ 85°C
-10% 1� +10% MHz
fLIRC
Low Speed Inte�nal RC Oscillato�
(LIRC)
3V
Ta=�5°C
-10% 3� +10% kHz
3V ± 0.3V Ta= -40°C ~ 85°C
-40% 3� +40% kHz
�.�V ~ 5.5V Ta= -40°C ~ 85°C
-50% 3� +�0% kHz
5V
Ta=�5°C
-10% 3� +10% kHz
5V ± 0.5V Ta= -40°C ~ 85°C
-40% 3� +40% kHz
tTIMER
xTCKn Inp�t Pin Minim�m P�lse
Width
—
—
—
30
—
ns
tDEW
Data EEPROM W�ite Time
—
—
—
�
4
ms
tINT
Exte�nal Inte���pt Minim�m P�lse
Width
—
—
1
3.3
5
μs
tRSTD
S�stem Reset Dela� Time
(Powe�-on Reset� LVR Ha�dwa�e
Reset� LVR Softwa�e Reset� WDT
Softwa�e Reset)
—
—
�5
50
100
ms
S�stem �eset dela� time (WDT
Time-o�t Ha�dwa�e Cold Reset)
—
—
8.3
1�.� 33.3
ms
tSST
S�stem Sta�t-�p Time� Pe�iod
(Wake-�p f�om Powe� Down Mode
and fSYS off)
—
fSYS=fH ~ fH / �4�
fH=fHIRC
1�
—
—
tHIRC
—
fSYS=fSUB=fLIRC
�
—
—
tLIRC
S�stem Sta�t-�p Time� Pe�iod
(Slow Mode ↔ Normal Mode)
—
fHIRC off → on
(HTO=1)
1�
—
—
tHIRC
S�stem Sta�t-�p Time� Pe�iod
(Wake-�p f�om Powe� Down Mode
and fSYS on)
—
fSYS=fHIRC ~ fHIRC /�4
�
—
—
tH
—
fSYS=fLIRC
�
—
—
tSUB
S�stem Sta�t-�p Time� Pe�iod
(WDT Time-o�t Ha�dwa�e Cold
Reset)
—
—
0
—
—
tH
fI�C
I�C Standa�d Mode (100kHz)
S�stem F�eq�enc�
—
No clock debo�nce
�
—
—
MHz
—
� s�stem clocks debo�nce
4
—
—
MHz
—
4 s�stem clocks debo�nce
8
—
—
MHz
I�C Fast Mode (400kHz) S�stem
F�eq�enc�
—
No clock debo�nce
5
—
—
MHz
—
� s�stem clocks debo�nce 10
—
—
MHz
—
4 s�stem clocks debo�nce �0
—
—
MHz
Note:1.tSYS=1/fSYS;tSUB=1/fSUB;tHIRC=1/fHIRC
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.
3.Frequencyaccuracy(trimatVDD=3V/5V,FADJH=01H,FADJL=00H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com