Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3830 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F3830
Description  Ultrasonic Atomizer Flash MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3830 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F3830 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
Rev. 1.10
1�
�an�a�� 0�� �01�
Rev. 1.10
13
�an�a�� 0�� �01�
HT45F3830
Ultrasonic Atomizer Flash MCU
HT45F3830
Ultrasonic Atomizer Flash MCU
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HIRC)
— fSYS=fHIRC=1�MHz
�.�
—
5.5
V
Ope�ating Voltage (LIRC)
— fSYS=fLIRC=3�kHz
�.�
—
5.5
V
IDD
Ope�ating C���ent (HIRC)
3V No load� all pe�iphe�als off�
fSYS=fHIRC=1�MHz
—
�.�
3.3
mA
5V
—
5
�.5
mA
Ope�ating C���ent (LIRC)
3V No load� all pe�iphe�als off�
fSYS=fLIRC=3�kHz
—
10
�0
μA
5V
—
30
50
μA
ISTB
Standb� C���ent (SLEEP Mode)
3V No load� all pe�iphe�als off�
WDT off
—
0.�
0.8
μA
5V
—
0.5
1
μA
Standb� C���ent (SLEEP Mode)
3V No load� all pe�iphe�als off�
WDT on
—
1.3
5
μA
5V
—
�.�
10
μA
Standb� C���ent (IDLE0 Mode)
3V No load� all pe�iphe�als off�
fSUB on
—
1.3
3
μA
5V
—
�.�
5
μA
Standb� C���ent (IDLE1 Mode�
HIRC)
3V No load� all pe�iphe�als off�
fSUB on� fSYS=fHIRC=1�MHz
—
0.�
1.�
mA
5V
—
1.�
�.4
mA
VIL
Inp�t Low Voltage fo� I/O Po�ts
5V
—
0
—
1.5
V
—
—
0
—
0.�
VDD
V
VIH
Inp�t High Voltage fo� I/O Po�ts
5V
—
3.5
—
5
V
—
—
0.8VDD
—
VDD
V
IOL
Sink C���ent fo� I/O Po�ts
(Except PC1 Po�t)
3V VOL=0.1VDD
1�
3�
—
mA
5V VOL=0.1VDD
3�
�5
—
IOH
So��ce C���ent fo� I/O Po�ts
(Except PC1 Po�t)
3V VOH=0.9VDD� SLEDCn[m+1�m]=00B
n=0� 1; m=0� �� 4� �
-0.�
-1.5
—
mA
5V
-1.5
-�.9
—
3V VOH=0.9VDD� SLEDCn[m+1�m]=01B
n=0� 1; m=0� �� 4� �
-1.3
-�.5
—
mA
5V
-�.5
-5.1
—
3V VOH=0.9VDD� SLEDCn[m+1�m]=10B
n=0� 1; m=0� �� 4� �
-1.8
-3.�
—
mA
5V
-3.�
-�.3
—
3V VOH=0.9VDD� SLEDCn[m+1�m]=11B
n=0� 1; m=0� �� 4� �
-4
-8
—
mA
5V
-8
-1�
—
RPH
P�ll-high Resistance fo� I/O
Po�ts
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com