Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F5652 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 224 page
background image
Rev. 1.00
1�
De�e��e� 0�� �01�
Rev. 1.00
13
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Pin Name
Function
OPT
I/T
O/T
Descriptions
PD4/SEG1�
PD4
PDPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG1�
LCD�
—
SEG
LCD Seg�ent output
PD5/SEG13
PD5
PDPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG13
LCD�
—
SEG
LCD Seg�ent output
PD�/SEG14
PD�
PDPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG14
LCD�
—
SEG
LCD Seg�ent output
PD�/SEG15
PD�
PDPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SEG15
LCD�
—
SEG
LCD Seg�ent output
VOREG
VOREG
—
PWR
—
Supply voltage fo� VCM� ADC� PGA
—
—
PWR LDO output
AN0~AN�
ANn
—
AN
—
ADC input �hannel
VREFP
VREFP
—
PWR
—
ADC positive �efe�en�e input
VREFN
VREFN
—
PWR
—
ADC negative �efe�en�e input
VCM
VCM
—
—
PWR ADC inte�nal Co��on �ode voltage output
OPO
OPO
—
—
AN
OPA output
VMAX
VMAX
—
PWR
—
IC �axi�u� voltage� �onne�t to VDD o� V1
PLCD
PLCD
—
PWR
—
LCD powe� supply
V1
V1
—
AN
—
LCD voltage pu�p
V�
V�
—
AN
—
LCD voltage pu�p
C1
C1
—
AN
—
LCD voltage pu�p
C�
C�
—
AN
—
LCD voltage pu�p
COM0~COM3
COMn
—
—
COM LCD Co��on output
SEG1�~SEG3�
SEGn
—
—
SEG
LCD Seg�ent output
VDD/VIN
VDD
—
PWR
—
Digital positive powe� supply
VIN
—
PWR
—
LDO input pin
VSS
VSS
—
PWR
—
Digital negative powe� supply
AVSS
AVSS
—
PWR
—
A/D negative powe� supply
Legend:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyconfigurationoption(CO)orregisteroption;
PWR:Power;
CO:Configurationoption;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
AN:Analogsignal;
SEG:LCDSEGoutput;
COM:LCDCOMoutput;
HXT:Highfrequencycrystaloscillator;
LXT:Lowfrequencycrystaloscillator.
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal................................................................................................................................... 150mA
IOHTotal..................................................................................................................................-100mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"Absolute
MaximumRatings"maycausesubstantialdamagetothesedevices.Functionaloperationof
thesedevicesatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com