Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F5652 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 224 page
background image
Rev. 1.00
1�
De�e��e� 0�� �01�
Rev. 1.00
1�
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Conditions
VDROP_LDO LDO D�opout Voltage(Note�)
—
LDOVS[1:0]=00B�
VIN=3.�V� ILOAD=10�A�
∆VOUT_LDO=�%
—
—
100
�V
LDOVS[1:0]=01B�
VIN=3.�V� ILOAD=10�A�
∆VOUT_LDO=�%
—
—
130
LDOVS[1:0]=10B�
VIN=3.�V� ILOAD=10�A�
∆VOUT_LDO=�%
—
—
180
LDOVS[1:0]=11B�
VIN=3.�V� ILOAD=10�A�
∆VOUT_LDO=�%
—
—
�00
TCLDO
LDO Temperature Coefficient
—
Ta=-40°C~85°C�
LDOVS[1:0]=00B�
VIN=3.�V� ILOAD=100μA
—
—
0.48
�V/°C
∆VLINE_LDO LDO Line Regulation
— LDOVS[1:0]=00B�
2.6V≤VIN≤5.5V, ILOAD=100μA
—
—
0.3
%/V
VOUT_VCM
VCM Output Voltage
— VOREG=3.3V� No load
-5% 1.�5
+5%
V
TCVCM
VCM Temperature Coefficient
— Ta=-40°C~85°C� V
OREG
=3.3V�
ILOAD=10μA
—
—
0.�4
�V/°C
∆VLINE_VCM VCM Line Regulation
— 2.4V≤VOREG≤3.3V, No load
—
—
0.3
%/V
tVCMS
VCM Tu�n On Sta�le Ti�e
— VOREG=3.3V� No load
—
—
10
�s
IOH
Sou��e Cu��ent fo� VCM Output Pin — VOREG=3.3V, ∆VOUT_VCM=-�%
1
—
—
�A
IOL
Sink Cu��ent fo� VCM Output Pin
— VOREG=3.3V, ∆VOUT_VCM=+�%
1
—
—
�A
ADC & ADC Internal Reference Voltage (Delta Sigma ADC)
VOREG
Supply Voltage fo� VCM� ADC�
PGA
—
LDOEN=0
�.4
—
3.3
V
LDOEN=1
�.4
—
3.3
IADC
Additional Cu��ent fo� ADC
Ena�le
— VCM ena�le�
VRBUFP=1 and VRBUFN=1
—
�50
900
μA
— VCM ena�le�
VRBUFP=0 and VRBUFN=0
—
�00
�50
μA
— VCM disa�le�
VRBUFP=0 and VRBUFN=0
—
500
�50
μA
IADSTB
Stand�y Cu��ent
— MCU ente�s SLEEP �ode�
No load
—
—
1
μA
NR
Resolution
—
—
—
—
�4
Bit
INL
Integ�al Non-linea�ity
— V
OREG
=3.3V� VREF=1.�5V�
∆SI=±450�V� PGA gain=1
—
±50
±�00
pp�
NFB
Noise F�ee Bits
— PGA gain=1�8�
Data �ate=1�.5Hz
—
15.4
—
Bit
ENOB
Effe�tive Nu��e� of Bits
— PGA gain=1�8
Data �ate=1�.5Hz
—
18.1
—
Bit
fADCK
ADC Clo�k F�equen�y
—
—
40
409.�
440
kHz
fADO
ADC Output Data Rate
— f
MCLK
=4.915�MHz�
FLMS[�:0]=000B
5
—
�40
Hz
— f
MCLK
=4.915�MHz�
FLMS[�:0]=010B
1�.5
—
1�00
Hz
VREFP
Exte�nal Refe�en�e Input Voltage
—
VREFS=1� VRBUFP=0�
VRBUFN=0
VREFN
+ 0.8
—
VOREG
V
VREFN
—
0
—
VREFP
- 0.8
V
VREF
— VREF=(VREFP–VREFN)×VGS
0.80
—
1.�5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com