Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F5652 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 224 page
background image
Rev. 1.00
38
De�e��e� 0�� �01�
Rev. 1.00
39
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
00H
01H
0�H
03H
IAR0
MP0
IAR1
MP1L
MP1H
04H
ACC
05H
PCL
0�H
TBLP
0�H
TBLH
08H
TBHP
09H
STATUS
0AH
0BH
IAR�
0CH
MP�L
0DH
MP�H
0EH
0FH
INTC0
10H
INTC1
11H
INTC�
1�H
INTC3
13H
MFI0
14H
MFI1
15H
MFI�
1�H
MFI3
1�H
PAWU
18H
PAPU
19H
PA
1AH
PAC
1BH
PBPU
1CH
PB
1DH
PBC
1EH
PCPU
1FH
PC
�0H
PCC
�1H
PDPU
��H
PD
�3H
�4H
PDC
�5H
SMOD
��H
TBC
��H
�8H
LVDC
�9H
INTEG
�AH
WDTC
�BH
LVRC
�CH
CTRL
�DH
�EH
ADRL
�FH
ADRH
30H
ADCR0
ADCR1
ADCS
31H
3�H
33H
ADRM
PTM1C0
PTM1C1
PTM1DL
PTM1DH
PTM1AL
PTM1AH
34H
35H
3�H
3�H
38H
39H
3AH
: unused� �ead as 00H
Se�to� 0���3�4 Se�to� 1
Se�to� 0~4
TM0C0
TM0C1
TM0DL
TM0DH
TM0AL
TM0AH
3BH
3CH
3DH
3EH
3FH
40H
41H
4�H
43H
EEA
PTM�C0
PTM�C1
44H
PTM�DL
45H
PTM�DH
4�H
PTM�AL
4�H
PTM�AH
48H
CTRL0
49H
PTM1RPL
4AH
PTM1RPH
4BH
PTM�RPL
4CH
PTM�RPH
4DH
CP1C
4EH
CP0C
4FH
PWRC
50H
PGAC0
51H
PGAC1
5�H
PGACS
53H
USR
54H
UCR1
55H
UCR�
5�H
BRG
5�H
TXR_RXR
58H
IRCTRL0
59H
IRCTRL1
5AH
LCDC
5BH
LCD1
5CH
LCD�
5DH
LCD3
5EH
5FH
SIMC0
�0H
SIMC1
�1H
SIMA/SIMC�
��H
SIMD
�3H
�4H
SIMTOC
�5H
��H
��H
�8H
STM3DL
�9H
STM3DH
�AH
STM3AL
�BH
STM3AH
�CH
STM3RP
�DH
FC0
�EH
�FH
FC�
�0H
FARL
FARH
FD0L
�1H
��H
�3H
FD0H
FD1L
FD1H
FD�L
FD�H
FD3L
FD3H
�4H
�5H
��H
��H
�8H
�9H
�AH
LCDCP
DSDAH
DSDAL
DSDACC
DSOPC
�BH
�CH
�DH
�EH
�FH
EEC
STM3C0
STM3C1
EED
FC1
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com