Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F5652 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 224 page
background image
Rev. 1.00
��
De�e��e� 0�� �01�
Rev. 1.00
�3
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Exe�ute Inst. 1
Fet�h Inst. �
1
MOV A� [1�H]
�
CALL DELAY
3
CPL [1�H]
4:
5:
� DELAY:
NOP
Fet�h Inst. 1
Exe�ute Inst. �
Fet�h Inst. 3
Flush Pipeline
Fet�h Inst. �
Exe�ute Inst. �
Fet�h Inst. �
Instruction Fetching
Program Counter
Duringprogramexecution,theProgramCounterisusedtokeeptrackoftheaddressofthe
nextinstructiontobeexecuted.Itisautomaticallyincrementedbyoneeachtimeaninstruction
isexecutedexceptforinstructions,suchas"JMP"or"CALL"thatdemandsajumptoanon-
consecutiveProgramMemoryaddress.Onlythelower8bits,knownastheProgramCounterLow
Register,aredirectlyaddressablebytheapplicationprogram.
Whenexecutinginstructionsrequiringjumpstonon-consecutiveaddressessuchasajump
instruction,asubroutinecall,interruptorreset,etc.,themicrocontrollermanagesprogramcontrol
byloadingtherequiredaddressintotheProgramCounter.Forconditionalskipinstructions,once
theconditionhasbeenmet,thenextinstruction,whichhasalreadybeenfetchedduringthepresent
instructionexecution,isdiscardedandadummycycletakesitsplacewhilethecorrectinstructionis
obtained.
Program Counter
Program Counter High Byte
PCL Register
PC1�~PC8
PCL�~PCL0
Program Counter
ThelowerbyteoftheProgramCounter,knownastheProgramCounterLowregisterorPCL,is
availableforprogramcontrolandisareadableandwriteableregister.Bytransferringdatadirectly
intothisregister,ashortprogramjumpcanbeexecuteddirectly;however,asonlythislowbyte
isavailableformanipulation,thejumpsarelimitedtothepresentpageofmemorythatis256
locations.Whensuchprogramjumpsareexecuteditshouldalsobenotedthatadummycycle
willbeinserted.ManipulatingthePCLregistermaycauseprogrambranching,soanextracycleis
neededtopre-fetch.
Stack
ThisisaspecialpartofthememorywhichisusedtosavethecontentsoftheProgramCounter
only.Thestackisorganizedinto8levelsandneitherpartofthedatanorpartoftheprogramspace,
andisneitherreadablenorwriteable.TheactivatedlevelisindexedbytheStackPointer,andis
neitherreadablenorwriteable.Atasubroutinecallorinterruptacknowledgesignal,thecontentsof
theProgramCounterarepushedontothestack.Attheendofasubroutineoraninterruptroutine,
signaledbyareturninstruction,RETorRETI,theProgramCounterisrestoredtoitspreviousvalue
fromthestack.Afteradevicereset,theStackPointerwillpointtothetopofthestack.
Ifthestackisfullandanenabledinterrupttakesplace,theinterruptrequestflagwillberecordedbut
theacknowledgesignalwillbeinhibited.WhentheStackPointerisdecremented,byRETorRETI,
theinterruptwillbeserviced.Thisfeaturepreventsstackoverflowallowingtheprogrammertouse
thestructuremoreeasily.However,whenthestackisfull,aCALLsubroutineinstructioncanstill
beexecutedwhichwillresultinastackoverflow.Precautionsshouldbetakentoavoidsuchcases
whichmightcauseunpredictableprogrambranching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com