Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBFF-FSC Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # MBFF-FSC
Description  PrimaxPlus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBFF-FSC Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  MBFF-FSC Datasheet HTML 1Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 2Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 3Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
17/05/2017 V11.0
3
175 InGaN Warm White: MBFF-FSC
DOMINANT
Opto Technologies
Innovating Illumination
TM
Characteristics
Symbol
Part Number
Value
Unit
Temperature coefficient of VF (typ)
IF = 175mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 175mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of Cx (typ)
IF = 175mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of Cy (typ)
IF = 175mA; 0 ˚C <= T <= 100 ˚C
TCV
TCIV
TCCx
TCCy
MBFF-FSC
MBFF-FSC
MBFF-FSC
MBFF-FSC
-6.90
-0.17
-0.00004
-0.00009
mV / K
% / K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com