Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBFF-FSC Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # MBFF-FSC
Description  PrimaxPlus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBFF-FSC Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  MBFF-FSC Datasheet HTML 1Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 2Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 3Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
17/05/2017 V11.0
1
Features:
> Super high brightness surface mount LED
> 120° viewing angle.
> Compact package outline (LxW) of 3.7 x 3.5 mm.
> Ultra low height profile - 0.8mm.
> Low thermal resistance.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
Primax
Synonymous with function and performance, enter the Primax, the new
era of high intensity illumination in LED. With its high flux output and high
luminous intensity, Primax transcends today LED lightings technology and
how we perceive it. The small package outline (3.7 x 3.5 x 0.8 mm) and
high intensity make it an ideal choice for backlighting, signage, exterior
automotive lighting and decorative lighting.
DATA SHEET :
PrimaxPlus
175 InGaN Warm White : MBFF-FSC
All rights reserved. Product specifications are subject to change without notice.
Applications:
> General lighting.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - MBFF-FSC

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
Super high brightness surface mount LED
More results

Similar Description - MBFF-FSC

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
MAF-PSC DOMINANT-MAF-PSC_17 Datasheet
1Mb / 18P
PrimaxPlus
MAW-KZHG DOMINANT-MAW-KZHG_17 Datasheet
1Mb / 16P
PrimaxPlus
MAW-KZHG-L1P2 DOMINANT-MAW-KZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
MAW-SZHG-L1P2 DOMINANT-MAW-SZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
MAZY-SZHG DOMINANT-MAZY-SZHG Datasheet
1Mb / 15P
PrimaxPlus
MBWW-FSC DOMINANT-MBWW-FSC_17 Datasheet
1Mb / 16P
PrimaxPlus
MBWW-KSG DOMINANT-MBWW-KSG_17 Datasheet
1Mb / 15P
PrimaxPlus
MBWW-KZHG-L1P2 DOMINANT-MBWW-KZHG-L1P2 Datasheet
1Mb / 15P
PrimaxPlus
PQF-SSG DOMINANT-PQF-SSG Datasheet
1Mb / 18P
PrimaxPlus
PQW-SSG DOMINANT-PQW-SSG Datasheet
1Mb / 16P
PrimaxPlus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com