Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBFF-FSC Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # MBFF-FSC
Description  PrimaxPlus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBFF-FSC Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button MBFF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 10Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 11Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 12Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
17/05/2017 V11.0
9
8U
9U
6V
7V
8V
99.4 ... 106.5
106.5 ... 113.6
113.6 .. 121.4
121.4 ... 129.2
129.2 ... 138.4
Brightness Group
Luminous Flux (lm) Appx. 1.2
Luminous Intensity Group at Tj=250C
Group
Wavelength distribution (nm)
Forward Voltage (V) Appx. 3.1
Vf Binning
Vf Bin @ 175mA
V0
V1
V2
V3
V4
V5
V6
6.00 ... 6.20
6.20 ... 6.40
6.40 ... 6.60
6.60 ... 6.80
6.80 ... 7.00
7.00 ... 7.20
7.20 ... 7.40
DOMINANT
Opto Technologies
Innovating Illumination
TM
175 InGaN Warm White: MBFF-FSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com