Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBFF-FSC Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # MBFF-FSC
Description  PrimaxPlus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBFF-FSC Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  MBFF-FSC Datasheet HTML 1Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 2Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 3Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 4Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors MBFF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
17/05/2017 V11.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
MBFF-FSC, Color Grouping Appx. 2.1
175 InGaN Warm White: MBFF-FSC
Color Bin Structure
Bin
6A1
6A2
6A3
6A4
6B1
6B2
6B3
6B4
6C1
6C2
6C3
6C4
0.3889
0.3690
0.3915
0.3768
0.3981
0.3800
0.3953
0.3720
0.3941
0.3848
0.3968
0.3930
0.4040
0.3966
0.4010
0.3882
0.4080
0.3916
0.4113
0.4001
0.4186
0.4037
0.4150
0.3950
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3915
0.3768
0.3941
0.3848
0.4010
0.3882
0.3981
0.3800
0.3968
0.3930
0.3996
0.4015
0.4071
0.4052
0.4040
0.3966
0.4113
0.4001
0.4146
0.4089
0.4222
0.4127
0.4186
0.4037
0.3981
0.3800
0.4010
0.3882
0.4080
0.3916
0.4048
0.3832
0.4040
0.3966
0.4071
0.4052
0.4146
0.4089
0.4113
0.4001
0.4186
0.4037
0.4222
0.4127
0.4299
0.4165
0.4259
0.4073
0.3953
0.3720
0.3981
0.3800
0.4048
0.3832
0.4017
0.3751
0.4010
0.3882
0.4040
0.3966
0.4113
0.4001
0.4080
0.3916
0.4150
0.3950
0.4186
0.4037
0.4259
0.4073
0.4221
0.3984
1
2
3
4
0 4000
0.4200
0.4400
6B3
6C2
6C3
6C4
7B1
7B2
7B3
7B4
7C1
7C2
7C3
7C4
8A2
8A3
7D3
8B1
8B4
8B2
8B3
8D2
8D3
8C1
8C2
8C3
8C4
3500K
3000K
2700K
0.3600
0.3800
0.4000
BBL
6A1
6A2
6A3
6A4
7A4
7A2
7A3
6B1
6B2
6B4
6C1
6C4
6D2
6D4
6D1
6D3
8A1
8A4
7D1
7D2
7D3
7D4
8D1
8D4
7A1
0.3400
0.3800
0.4000
0.4200
0.4400
0.4600
0.4800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com