Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSF-LSG
Description  Right Angle DomiLED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSF-LSG Datasheet HTML 1Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
30/05/2017 V5.0
3
InGaN Warm White : DSF-LSG
Vr @ Ir = 10uA
DOMINANT
Opto Technologies
Innovating Illumination
TM
Color Bin - Warm White Appx. 2.1
Color Bin Structure
Bin
4U
5U
6U
7U
8U
9U
4V
5V
6V
7V
8V
9V
0.4377
0.3891
0.4422
0.3981
0.4473
0.4081
0.4520
0.4172
0.4565
0.4261
0.4610
0.4350
0.4428
0.3903
0.4476
0.3995
0.4526
0.4092
0.4574
0.4185
0.4621
0.4275
0.4666
0.4363
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4428
0.3903
0.4476
0.3995
0.4526
0.4092
0.4574
0.4185
0.4621
0.4275
0.4666
0.4363
0.4478
0.3914
0.4531
0.4009
0.4585
0.4105
0.4639
0.4201
0.4690
0.4291
0.4740
0.4380
0.4381
0.3812
0.4428
0.3903
0.4476
0.3995
0.4526
0.4092
0.4574
0.4185
0.4621
0.4275
0.4426
0.3823
0.4478
0.3914
0.4531
0.4009
0.4585
0.4105
0.4639
0.4201
0.4690
0.4291
0.4330
0.3800
0.4377
0.3891
0.4422
0.3981
0.4473
0.4081
0.4520
0.4172
0.4565
0.4261
0.4381
0.3812
0.4428
0.3903
0.4476
0.3995
0.4526
0.4092
0.4574
0.4185
0.4621
0.4275
1
2
3
4
0.320
0.330
0.340
0.350
0.360
0.370
0.380
0.390
0.400
0.410
0.420
0.430
0.440
0.450
0.460
0.340 0.350 0.360 0.370 0.380 0.390 0.400 0.410 0.420 0.430 0.440 0.450 0.460 0.470 0.480 0.490 0.500
5
6
J
L
M
K
7
P
5
N
O
4
8
6
9
Q
R
S
T
U
V W
X
4500K
4000K
3000K
2700K
4
8
7
7
5
4
8
6
9
Q
R
S
T
U
V W
X
3500K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com