Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DSF-LSG
Description  Right Angle DomiLED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DSF-LSG Datasheet HTML 1Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
30/05/2017 V5.0
2
DSF-LSG-WX1-4O9X
DSF-LSG-W2X-4J8N
Warm White
Warm White
120
120
1125.0
1400.0
InGaN Warm White : DSF-LSG
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd) Appx. 1.1
Min.
Typ.
Max.
1800.0
2240.0
2240.0
2850.0
Optical Characteristics at Tj=25˚C
Typ. (V)
Vf @ If = 20mA Appx. 3.1
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DSF-LSG
3.2
3.6
5.0
Min. (V)
2.8
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage; Ir (max) = 10uA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 5 mm2 per pad)
20
100
5
2000
125
-40 … +100
-40 … +100
80
460
240
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com