Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # DSF-LSG
Description  Right Angle DomiLED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button DSF-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 9Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
InGaN Warm White : DSF-LSG
30/05/2017 V5.0
6
DOMINANT
Opto Technologies
Innovating Illumination
TM
Bin
6L
7L
8L
4M
5M
6M
7M
8M
4N
5N
6N
7N
8N
4J
5J
6J
7J
8J
4K
5K
6K
7K
8K
0.3718
0.3785
0.3737
0.3868
0.3760
0.3970
0.3747
0.3627
0.3774
0.3733
0.3799
0.3832
0.3822
0.3922
0.3849
0.4027
0.3824
0.3674
0.3858
0.3785
0.3887
0.3882
0.3917
0.3982
0.3951
0.4093
0.3513
0.3472
0.3525
0.3564
0.3536
0.3647
0.3548
0.3739
0.3560
0.3830
0.3588
0.3524
0.3607
0.3621
0.3624
0.3715
0.3641
0.3803
0.3660
0.3900
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable
performance current pulsing should be used for dimming purposed.
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3799
0.3832
0.3822
0.3922
0.3849
0.4027
0.3824
0.3674
0.3858
0.3785
0.3887
0.3882
0.3917
0.3982
0.3951
0.4093
0.3896
0.3717
0.3934
0.3833
0.3966
0.3928
0.4002
0.4035
0.4040
0.4150
0.3588
0.3524
0.3607
0.3621
0.3624
0.3715
0.3641
0.3803
0.3660
0.3900
0.3673
0.3582
0.3696
0.3684
0.3719
0.3787
0.3737
0.3868
0.3760
0.3970
0.3774
0.3733
0.3799
0.3832
0.3822
0.3922
0.3792
0.3568
0.3824
0.3674
0.3858
0.3785
0.3887
0.3882
0.3917
0.3982
0.3860
0.3610
0.3896
0.3717
0.3934
0.3833
0.3966
0.3928
0.4002
0.4035
0.3568
0.3420
0.3588
0.3524
0.3607
0.3621
0.3624
0.3715
0.3641
0.3803
0.3650
0.3480
0.3673
0.3582
0.3696
0.3684
0.3719
0.3787
0.3737
0.3868
0.3696
0.3684
0.3718
0.3785
0.3737
0.3868
0.3721
0.3524
0.3747
0.3627
0.3774
0.3733
0.3799
0.3832
0.3822
0.3922
0.3792
0.3568
0.3824
0.3674
0.3858
0.3785
0.3887
0.3882
0.3917
0.3982
0.3500
0.3370
0.3513
0.3472
0.3525
0.3564
0.3536
0.3647
0.3548
0.3739
0.3568
0.3420
0.3588
0.3524
0.3607
0.3621
0.3624
0.3715
0.3641
0.3803
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com