Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF-LSG Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DSF-LSG
Description  Right Angle DomiLED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSF-LSG Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DSF-LSG Datasheet HTML 1Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 2Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 3Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 4Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 5Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 6Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 7Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 8Page - DOMINANT Semiconductors DSF-LSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
InGaN Warm White : DSF-LSG
30/05/2017 V5.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
Bin
4W
5W
6W
7W
8W
9W
4X
5X
6X
7X
8X
9X
4R
5R
6R
7R
8R
9R
4S
5S
6S
7S
8S
9S
4T
0.4478
0.3914
0.4531
0.4009
0.4585
0.4105
0.4639
0.4201
0.4690
0.4291
0.4740
0.4380
0.4529
0.3926
0.4585
0.4023
0.4638
0.4117
0.4694
0.4214
0.4745
0.4305
0.4796
0.4393
0.4145
0.3808
0.4184
0.3898
0.4226
0.3992
0.4266
0.4082
0.4305
0.4172
0.4340
0.4250
0.4219
0.3835
0.4261
0.3925
0.4305
0.4021
0.4347
0.4111
0.4389
0.4201
0.4426
0.4282
0.4291
0.3861
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4529
0.3926
0.4585
0.4023
0.4638
0.4117
0.4694
0.4214
0.4745
0.4305
0.4796
0.4393
0.4593
0.3941
0.4652
0.4041
0.4706
0.4131
0.4765
0.4231
0.4818
0.4322
0.4870
0.4410
0.4219
0.3835
0.4261
0.3925
0.4305
0.4021
0.4347
0.4111
0.4389
0.4201
0.4426
0.4282
0.4291
0.3861
0.4335
0.3951
0.4385
0.4049
0.4431
0.4141
0.4475
0.4231
0.4518
0.4316
0.4377
0.3893
0.4477
0.3835
0.4529
0.3926
0.4585
0.4023
0.4638
0.4117
0.4694
0.4214
0.4745
0.4305
0.4540
0.3850
0.4593
0.3941
0.4652
0.4041
0.4706
0.4131
0.4765
0.4231
0.4818
0.4322
0.4181
0.3753
0.4219
0.3835
0.4261
0.3925
0.4305
0.4021
0.4347
0.4111
0.4389
0.4201
0.4247
0.3774
0.4291
0.3861
0.4335
0.3951
0.4385
0.4049
0.4431
0.4141
0.4475
0.4231
0.4330
0.3800
0.4426
0.3823
0.4478
0.3914
0.4531
0.4009
0.4585
0.4105
0.4639
0.4201
0.4690
0.4291
0.4477
0.3835
0.4529
0.3926
0.4585
0.4023
0.4638
0.4117
0.4694
0.4214
0.4745
0.4305
0.4110
0.3730
0.4145
0.3808
0.4184
0.3898
0.4226
0.3992
0.4266
0.4082
0.4305
0.4172
0.4181
0.3753
0.4219
0.3835
0.4261
0.3925
0.4305
0.4021
0.4347
0.4111
0.4389
0.4201
0.4247
0.3774
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com