Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S48SA3R310 Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S48SA3R310
Description  UL/cUL 60950 (US & Canada) recognized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R310 Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S48SA3R310 Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 9Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 10Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 11Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 12Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_S48SA3R310_10112013
LEADED (Sn/Pb) PROCESS RECOMMEND TEMP. PROFILE
Note: The temperature refers to the pin of S48SA, measured on the pin 1 (+Vout ) joint.
LEAD FREE (SAC) PROCESS RECOMMEND TEMP. PROFILE
Temp.
Time
150℃
200℃
100~140 sec.
Time Limited 90 sec.
above 217℃
217℃
Preheat time
Ramp up
max. 3℃/sec.
Ramp down
max. 4℃/sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: The temperature refers to the pin of S48SA, measured on the pin 1 (+Vout ) joint.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com