Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S48SA3R310 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S48SA3R310
Description  UL/cUL 60950 (US & Canada) recognized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R310 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S48SA3R310 Datasheet HTML 1Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 2Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 3Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 4Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_S48SA3R310_10112013
ELECTRICAL CHARACTERISTICS CURVES
Figure5: Turn-on transient at zero load current (1 ms/div). Top
Trace: Vout (1V/div); Bottom Trace: ON/OFF Control (5V/div).
Figure 6: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF,
100 m
Top Trace: Vout (50mV/div), Bottom Trace: Iout (5A/div).
Figure 7: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF,
100 m
ceramic capacitor.
Top Trace: Vout (50mV/div), Bottom
Trace: Iout 5A/div).
Figure 8: Test set-up diagram showing measurement points
for Input Reflected Ripple Current (Figure 9).
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com