Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S48SA3R310 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S48SA3R310
Description  UL/cUL 60950 (US & Canada) recognized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R310 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S48SA3R310 Datasheet HTML 1Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 2Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 3Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 4Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_S48SA3R310_10112013
ELECTRICAL CHARACTERISTICS CURVES
50
55
60
65
70
75
80
85
90
95
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
36Vin
48Vin
75Vin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
Io=10A
Io=6A
Io=1A
Figure 3: Typical input characteristics at room temperature.
Figure 4: Turn-on transient at full rated load current (1 ms/div).
Top Trace: Vout (1V/div); Bottom Trace: ON/OFF Control
(5V/div).
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com