Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S48SA3R310 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # S48SA3R310
Description  UL/cUL 60950 (US & Canada) recognized
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R310 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button S48SA3R310 Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 9Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 10Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 11Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 12Page - Delta Electronics, Inc. S48SA3R310 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS_S48SA3R310_10112013
14
PART NUMBERING SYSTEM
S
48
S
A
3R3
10
N
R
F
A*
Form
Factor
Input
Voltage
Number of
Outputs
Product
Series
Output
Voltage
Output
Current
ON/OFF
Logic
Pin Type
Option Code
S- Small
Power
48V
S- Single
A- Advanced 1R2-1.2V
1R5-1.5V
1R8-1.8V
2R5-2.5V
3R3- 3.3V
050- 5.0V
120- 12V
03- 3.0V
06- 6.6A
10- 10A
12- 12A
N- Negative
P- Positive
R- SMD
T- Through hole
F- RoHS 6/6
(Lead Free)
A-
9 pin, no sense
B-
6 pin, no sense
C-
9 pins with sense
(12V has option B
only)
Option code A includes 9 pins. Pins 4, 5, and 9 have no connection
.
Option code B excludes pin 4, 5
, and 9 (total 6 pins).
Option code C features 9 pins with sense function.
MODEL LIST
MODEL NAME
INPUT
OUTPUT
EFF @ 100% LOAD
S48SA1R212NRFA
36V~75V
0.85A
1.2V
12A
84.0%
S48SA1R512NRFA
36V~75V
0.85A
1.5V
12A
88.0%
S48SA1R812NRFA
36V~75V
0.85A
1.8V
12A
88.0%
S48SA2R510NRFA
36V~75V
1.3A
2.5V
10A
88.5%
S48SA3R310NRFA
36V~75V
1.3A
3.3V
10A
90.5%
S48SA05006NRFA
36V~75V
1.3A
5.0V
6.6A
90.5%
S48SA12003NRFB
36V~75V
1.3A
12V
3.0A
90.0%
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
ext 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for
its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com